Electronic Components Datasheet Search
  English  ▼

X  

MA7026P3 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7026P3
Description  Single Output Hall Effect Latch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7026P3 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7026P3 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7026P3 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/8
MA7026
Major Power Technology Co., Ltd.
Rev.1.0
5th, Oct., 2021
❖
TEST CIRCUIT
MA7026
OUT
GND
VDD
C1
100nF
Note: C1 is for power stabilization and to strengthen the noise immunity. RL is the pull-up resistor.
❖
ORDER / MARKING INFORMATION
Order Information (SIP)
Top Marking (SIP-3L)
Device Name
MA7026
Packing
X
XX
Blank:Bag
P3: SIP-3L
YYWWX
7026
Part number
ID code:internal
WW:01~52
Year:19=2019
Order Information (SOT)
Top Marking (SOT)
Device Name
MA7026
Packing
A : Taping
X
XX
Blank:Bag
A :SOT23-3L
B553:SOT553
W: 01~26(A~Z)
27~52(a~z)
Y: 9 = 2019
X: Internal
SOT553
HqYW
SOT23
HqYWX
❖
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
28
V
Reverse VDD Polarity Voltage
VRDD
-30
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
25
mA
Power Dissipation (SIP3 /SOT23, SOT553)
PD
550/230
mW
Storage Temperature Range
TSTG
-65 to +150
°C
Thermal Resistance from Junction to Case (SIP3 /SOT)
θJC
49/410
°C/W
Thermal Resistance from Junction to Ambient (SIP3 /SOT)
θJA
227/543
°C/W
Junction Temperature
TJ
150
°C
Operating Temperature
TO
-40 to 125
°C
Magnetic Signal Input Frequency (Note1)
Fsw
0~5
KHz
Note1: Not subject to production test, verified by design/characterization.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com