Electronic Components Datasheet Search
  English  ▼

X  

MA7121 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7121
Description  Single Phase Hall Effect Smart Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7121 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7121 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7121 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/6
MA7121
Major Power Technology Co., Ltd.
Rev.0.1
13th, Mar., 2022
❖
PIN ASSIGNMENT
The package of MA7121 is SIP-4L; the pin assignment is given by:
❖
ORDER / MARKING INFORMATION
Order Information
Top Marking (SIP-4L)
Package Type
MA7121
Packing
A : Taping
XXX
P4: SIP-4L
Blank: Bag
Y Y WW X
7121
Part number
ID code:internal
WW:01~52
Year:22=2022
❖
BLOCK DIAGRAM
Hall
Plate
Control
Logic
Regulator
H-bridge
MOS Driver
VDD
DOB
DO
Amp.
GND
Thermal
Shutdown
Rotor-locked shutdown
and
automatically restart
1
VDD
2
DO
3
DOB
(Top View)
SIP-4L
4
GND
1.30mm
1
2
3
4
(Sensor Location)
(Top View)
1.90mm
Name
Description
VDD
Supply Voltage
DO
Output 1
DOB Output 2
GND Ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com