Electronic Components Datasheet Search
  English  ▼

X  

MA7132 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7132
Description  Single Phase Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7132 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7132 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7132 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/8
MA7132
Major Power Technology Co., Ltd.
Rev.1.1
14th, Apr., 2022
❖
APPLICATION CIRCUIT
Circuit 1 (SIP)
MA7132
1
4
3
2
VDD
GND
COIL
DOB
DO
C1
VDD
NOTE
1.
C1>=1uF(Option), Enhance the reliability during hot swap.
Circuit 2 (SOT)
1
4
3
2
VDD
GND
Coil
FG
VDD
DO
DOB
6
C1
10k
FG
Output
5
NOTE
1.
C1>=1uF(Option), Enhance the reliability during hot swap.
❖
ORDER / MARKING INFORMATION
Order Information (SIP-4L)
Top Marking (SIP-4L)
Package Type
MA7132
Packing
A : Taping
XXX
P4: SIP-4L
Blank: Tube
Y Y WW X
7132
Part number
ID code:internal
WW:01~52
Year:19=2019
Order Information (SOT23-6)
Top Marking (SOT23-6)
Package Type
MA7132
Packing
A : Taping
X X
C: SOT23-6L
CP: SOT23-6F
Blank: Bag
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 9 = 2019
ID Code: Internal
V Y W X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com