Electronic Components Datasheet Search
  English  ▼

X  

MA7142 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7142
Description  Single Phase Hall Effect Fan Driver With PWM Soft Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7142 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7142 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7142 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA7142
Major Power Technology Co., Ltd.
Rev.1.0
2
nd, Mar., 2021
BLOCK DIAGRAM
Hall
Plate
Logic
Control
Regulator
H-bridge
MOS Driver
DOB
DO
Amp.
GND
Thermal
shutdown
Rotor-locked shutdown
and
automatically restart
VDD
ORDER / MARKING INFORMATION
Order Information
Top Marking (SIP)
Package Type
MA7142
Packing
A : Taping
XXX
P4: SIP-4L
Blank: Tube
Y Y WW X
7142
Part number
ID code:internal
WW:01~52
Year:18=2018
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
22
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
500
mA
Hold
700
Peak (start up)
1000
Power Dissipation
PD
550
mW
Storage Temperature Range
TSTG
-50 to +150
°C
Thermal Resistance from Junction to Case
θJC
49
°C/W
Thermal Resistance from Junction to Ambient
θJA
277
°C/W
Recommended Operating Conditions (TA=25 °C)
Supply Voltage
VDD
3.0 to 20
V
Ambient Temperature
TA
-40 to 85
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com