Electronic Components Datasheet Search
  English  ▼

X  

MA7611AA Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7611AA
Description  Complementary Output Hall Effect Fan Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7611AA Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7611AA Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7611AA Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/7
MA7611
Major Power Technology Co., Ltd.
Rev.1.1
1
st, Jun., 2020
BLOCK DIAGRAM
Hall
Plate
Control
Logic
Regulator
DOB
DO
Amp.
GND
Rotor-locked shutdown
and
automatically restart
Thermal
shutdown
ORDER / MARKING INFORMATION
Order Information (SIP-3L)
Top Marking (SIP-3L)
Package Type
MA7611
Packing
X X
Blank: Bag
P3 : SIP-3L
Y Y WW X
7611
ID code:internal
WW:01~52
Year:16=2016
Order Information (SOT23-3L)
Top Marking (SOT23-3L)
Package Type
MA7611
Packing
A : Taping
X X
A: SOT23-3 L
Blank: Bag
H
Week: 01~26(A~Z)
27~52(a~z)
Year : 0 = 2020
ID Code: Internal
y Y W X
ABSOLUTE MAXIMUM RATINGS (at TA=25°C)
Characteristics
Symbol
Rating
Unit
Fan Supply Voltage
VCC
20
V
Magnetic Flux Density
B
Unlimited
Gauss
Output Current
Continuous
IO
400
mA
Hold
600
Peak (start up)
800
Power Dissipation (SIP3 / SOT23)
PD
550 / 230
mW
Storage Temperature Range
TSTG
-65 to +165
°C
Thermal Resistance from Junction to Case (SIP3 / SOT23)
θJC
49 / 410
°C/W
Thermal Resistance from Junction to Ambient (SIP3 / SOT23)
θJA
227 / 543
°C/W
Junction Temperature
TJ
150
°C
Operating Temperature
TO
-40 to 125
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com