Electronic Components Datasheet Search
  English  ▼

X  

LP2985-N Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP2985-N
Description  LP2985-N 150-mA, Low-Noise, Low-Power, Ultra-Low-Dropout Regulator in a SOT-23 Package
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP2985-N Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP2985-N Datasheet HTML 28Page - Texas Instruments LP2985-N Datasheet HTML 29Page - Texas Instruments LP2985-N Datasheet HTML 30Page - Texas Instruments LP2985-N Datasheet HTML 31Page - Texas Instruments LP2985-N Datasheet HTML 32Page - Texas Instruments LP2985-N Datasheet HTML 33Page - Texas Instruments LP2985-N Datasheet HTML 34Page - Texas Instruments LP2985-N Datasheet HTML 35Page - Texas Instruments LP2985-N Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-May-2023
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead finish/
Ball material
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LP2985IM5-4.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
L0TB
Samples
LP2985IM5-4.5/NOPB
ACTIVE
SOT-23
DBV
5
1000
RoHS & Green
SN
Level-1-260C-UNLIM
LA7B
Samples
LP2985IM5-5.0
NRND
SOT-23
DBV
5
1000
Non-RoHS
& Green
Call TI
Level-1-260C-UNLIM
-40 to 125
L0UB
LP2985IM5-5.0/NOPB
ACTIVE
SOT-23
DBV
5
1000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
L0UB
Samples
LP2985IM5-5.7/NOPB
LIFEBUY
SOT-23
DBV
5
1000
RoHS & Green
SN
Level-1-260C-UNLIM
LKTB
LP2985IM5-6.1/NOPB
LIFEBUY
SOT-23
DBV
5
1000
RoHS & Green
SN
Level-1-260C-UNLIM
LF6B
LP2985IM5X-2.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
LAUB
Samples
LP2985IM5X-2.7/NOPB
LIFEBUY
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
LALB
LP2985IM5X-2.8/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
L0KB
Samples
LP2985IM5X-3.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
L0OB
Samples
LP2985IM5X-3.3/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
L0RB
Samples
LP2985IM5X-3.6/NOPB
LIFEBUY
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
L0SB
LP2985IM5X-4.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
-40 to 125
L0TB
Samples
LP2985IM5X-4.5/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
SN
Level-1-260C-UNLIM
LA7B
Samples
LP2985IM5X-5.0
NRND
SOT-23
DBV
5
3000
Non-RoHS
& Green
Call TI
Level-1-260C-UNLIM
-40 to 125
L0UB
LP2985IM5X-5.0/NOPB
ACTIVE
SOT-23
DBV
5
3000
RoHS & Green
NIPDAU | SN
Level-1-260C-UNLIM
-40 to 125
L0UB
Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
Addendum-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com