Electronic Components Datasheet Search
  English  ▼

X  

ADL5310ACP-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5310ACP-R2
Description  120 dB Range (3 nA to 3 mA) Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310ACP-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5310ACP-R2 Datasheet HTML 3Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 4Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 5Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 6Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 7Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 8Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 9Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 10Page - Analog Devices ADL5310ACP-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADL5310
Rev. A | Page 7 of 20
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IREF (A)
3nA
30nA
300nA
3
µA
30
µA
300
µA
3mA
Figure 9. VLOG vs. IREF for Multiple Values of IINP,
Decade Steps from 3 nA to 3 mA
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IINP (A)
+3V, 0V
+5V, –5V
+5V, –5V
+12V, 0V
+12V, 0V
+5V, 0V
+9V, 0V
Figure 10. Law Conformance Error vs. IINP for Various Supply Conditions
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IPD (A)
TA = 0°C, 70°C
MEAN + 3
σ AT 70°C
MEAN – 3
σ AT 70°C
MEAN ± 3
σ AT 0°C
Figure 11. Law Conformance Error Distribution (3σ to Either Side of Mean)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IREF (A)
3
µA
300
µA
30
µA
3mA
3
µA
3mA
300nA
30nA
3nA
Figure 12. Law Conformance Error vs. IREF for Multiple Values of IINP,
Decade Steps from 3 nA to 3 mA
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IPD (A)
TA = 25°C
MEAN + 3
σ
MEAN – 3
σ
Figure 13. Law Conformance Error Distribution (3σ to Either Side of Mean)
–4
–3
–2
–1
0
1
2
3
4
1n
10n
100n
1
µ
10
µ
100
µ
1m
10m
IPD (A)
TA = –40°C, 85°C
MEAN + 3
σ AT –40°C
MEAN – 3
σ AT –40°C
MEAN + 3
σ AT +85°C
Figure 14. Law Conformance Error Distribution (3σ to Either Side of Mean)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com