Electronic Components Datasheet Search
  English  ▼

X  

REF35 Datasheet(PDF) 6 Page - Texas Instruments

Part # REF35
Description  REF35 Ultra Low-Power, High-Precision Voltage Reference
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF35 Datasheet(HTML) 6 Page - Texas Instruments

Back Button REF35_V04 Datasheet HTML 2Page - Texas Instruments REF35_V04 Datasheet HTML 3Page - Texas Instruments REF35_V04 Datasheet HTML 4Page - Texas Instruments REF35_V04 Datasheet HTML 5Page - Texas Instruments REF35_V04 Datasheet HTML 6Page - Texas Instruments REF35_V04 Datasheet HTML 7Page - Texas Instruments REF35_V04 Datasheet HTML 8Page - Texas Instruments REF35_V04 Datasheet HTML 9Page - Texas Instruments REF35_V04 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
At VIN = VREF + 0.5 V, VEN = VIN, CL = 10 µF, CIN = 0.1 µF, IL = 0 mA, minimum and maximum specifications at TA = –40℃ to
125
℃, typical specifications TA = 25℃; unless otherwise noted
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Output capacitor
range (3)
0.1
10
µF
(1)
For VREF = 1.024 V to 1.5 V, minimum VIN = 1.7 V
(2)
Scales linearly with VREF.
(3)
ESR for the capacitor <= 400 mΩ
REF35
SNAS809A – DECEMBER 2021 – REVISED AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: REF35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com