Electronic Components Datasheet Search
  English  ▼

X  

INA310A4 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA310A4
Description  INA310x –4 V to 110 V, 1.3 MHz, Ultra-Precise Current Sense Amplifier With Open- Drain Comparator and Reference
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA310A4 Datasheet(HTML) 2 Page - Texas Instruments

  INA310A4 Datasheet HTML 1Page - Texas Instruments INA310A4 Datasheet HTML 2Page - Texas Instruments INA310A4 Datasheet HTML 3Page - Texas Instruments INA310A4 Datasheet HTML 4Page - Texas Instruments INA310A4 Datasheet HTML 5Page - Texas Instruments INA310A4 Datasheet HTML 6Page - Texas Instruments INA310A4 Datasheet HTML 7Page - Texas Instruments INA310A4 Datasheet HTML 8Page - Texas Instruments INA310A4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Typical Characteristics................................................ 7
7 Detailed Description......................................................14
7.1 Overview................................................................... 14
7.2 Functional Block Diagram......................................... 14
7.3 Feature Description...................................................14
7.4 Device Functional Modes..........................................17
8 Application and Implementation.................................. 20
8.1 Application Information............................................. 20
8.2 Typical Application.................................................... 21
8.3 Power Supply Recommendations.............................24
8.4 Layout....................................................................... 25
9 Device and Documentation Support............................26
9.1 Receiving Notification of Documentation Updates....26
9.2 Support Resources................................................... 26
9.3 Trademarks...............................................................26
9.4 Electrostatic Discharge Caution................................26
9.5 Glossary....................................................................26
10 Mechanical, Packaging, and Orderable
Information.................................................................... 26
4 Revision History
DATE
REVISION
NOTES
March 2023
*
Initial release
INA310A, INA310B
SBOSA86 – MARCH 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA310A INA310B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com