Electronic Components Datasheet Search
  English  ▼

X  

CSM5100LA Datasheet(PDF) 4 Page - Leshan Radio Company

Part # CSM5100LA
Description  Schottky Barrier Rectifiers Reverse Voltage 100V Forward Current 5.0A
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSM5100LA Datasheet(HTML) 4 Page - Leshan Radio Company

  CSM5100LA Datasheet HTML 1Page - Leshan Radio Company CSM5100LA Datasheet HTML 2Page - Leshan Radio Company CSM5100LA Datasheet HTML 3Page - Leshan Radio Company CSM5100LA Datasheet HTML 4Page - Leshan Radio Company CSM5100LA Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
6
. OUTLINE AND DIMENSIONS
7. SOLDERING FOOTPRINT
Leshan Radio Company, LTD.
4/4
CSMA
DIM MIN TYP MAX
A 1.97 2.10 2.29
A1 0.05 0.10 0.20
b 1.35 1.50 1.65
c 0.10 0.20 0.30
D 2.40 2.75 2.92
E 4.10 4.40 4.57
HE 4.70 5.27 5.59
L 0.76 1.20 1.52
CSMA
All Dimensions in mm
DIM MIN MAX
X
Y 1.72 1.82
B 1.90 2.30
CSMA
5.30REF
CSM5100LA, S-CSM5100LA
Schottky Barrier Rectifiers
Rev.A Apr. 2021



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com