Electronic Components Datasheet Search
  English  ▼

X  

S-CSM10200C Datasheet(PDF) 3 Page - Leshan Radio Company

Part # S-CSM10200C
Description  Surface Mount Schottky Barrier Rectifiers Reverse Voltage 200V Forward Current 10.0A
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

S-CSM10200C Datasheet(HTML) 3 Page - Leshan Radio Company

  S-CSM10200C Datasheet HTML 1Page - Leshan Radio Company S-CSM10200C Datasheet HTML 2Page - Leshan Radio Company S-CSM10200C Datasheet HTML 3Page - Leshan Radio Company S-CSM10200C Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
6. OUTLINE AND DIMENSIONS
S-CSM10200C
Schottky Barrier Rectifiers
7. SOLDERING FOOTPRINT
Leshan Radio Company, LTD.
3/3
Rev.A Dec. 2021
CSMC
E
L
HE
DIM
MIN
TYP
MAX
A
2.25
2.45
2.65
A1
0.05
0.10
0.20
b
2.80
3.00
3.20
c
0.10
0.20
0.30
D
5.85
6.05
6.25
E
6.65
6.95
7.11
HE
7.70
8.00
8.30
L
0.76
1.20
1.52
All Dimensions in mm
SMC
X
C
CSMC
DIM
(mm)
X
1.60
Y
3.30
C
6.60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com