Electronic Components Datasheet Search
  English  ▼

X  

ADT7461AARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7461AARMZ
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461AARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7461AARMZ Datasheet HTML 10Page - Analog Devices ADT7461AARMZ Datasheet HTML 11Page - Analog Devices ADT7461AARMZ Datasheet HTML 12Page - Analog Devices ADT7461AARMZ Datasheet HTML 13Page - Analog Devices ADT7461AARMZ Datasheet HTML 14Page - Analog Devices ADT7461AARMZ Datasheet HTML 15Page - Analog Devices ADT7461AARMZ Datasheet HTML 16Page - Analog Devices ADT7461AARMZ Datasheet HTML 17Page - Analog Devices ADT7461AARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADT7461A
Rev. A | Page 14 of 24
When Flag 1 and/or Flag 0 are set, the THERM output goes low
to indicate that the temperature measurements are outside the
programmed limits. The THERM output does not need to be
reset, unlike the ALERT output. Once the measurements are
within the limits, the corresponding status register bits are
automatically reset and the THERM output goes high. The user
may add hysteresis by programming Register 0x21. The THERM
output is reset only when the temperature falls to limit value
minus the hysteresis value.
When Pin 6 is configured as THERM2, only the high tempera-
ture limits are relevant. If Flag 6 and/or Flag 4 are set, the
THERM2 output goes low to indicate that the temperature
measurements are outside the programmed limits. Flag 5 and
Flag 3 have no effect on THERM2. The behavior of THERM2 is
otherwise the same as THERM.
Table 11. Status Register Bit Assignments
Bit
Name
Function
7
BUSY
1 when ADC converting
6
LHIGH1
1 when local high temperature limit tripped
5
LLOW1
1 when local low temperature limit tripped
4
RHIGH1
1 when remote high temperature limit tripped
3
RLOW1
1 when remote low temperature limit tripped
2
OPEN1
1 when remote sensor open circuit
1
RTHRM
1 when remote THERM limit tripped
0
LTHRM
1 when local THERM limit tripped
1 These flags stay high until the status register is read or they are reset by POR
unless Pin 6 is configured as THERM2. Then, only Bit 2 remains high until the
status register is read or is reset by POR.
Offset Register
Offset errors can be introduced into the remote temperature
measurement by clock noise or when the thermal diode is
located away from the hot spot. To achieve the specified
accuracy on this channel, these offsets must be removed.
The offset value is stored as a 10-bit, twos complement value in
Register 0x11 (high byte) and Register 0x12 (low byte, left
justified). Only the upper two bits of Register 0x12 are used.
The MSB of Register 0x11 is the sign bit. The minimum,
programmable offset is −128°C, and the maximum is
+127.75°C. The value in the offset register is added to, or
subtracted from, the measured value of the remote temperature.
The offset register powers up with a default value of 0°C and has
no effect unless the user writes a different value to it.
Table 12. Sample Offset Register Codes
Offset Value
0x11
0x12
−128°C
1000 0000
00 00 0000
−4°C
1111 1100
00 00 0000
−1°C
1111 1111
00 00 0000
−0.25°C
1111 1111
11 00 0000
0°C
0000 0000
00 00 0000
+0.25°C
0000 0000
01 00 0000
+1°C
0000 0001
00 00 0000
+4°C
0000 0100
00 00 0000
+127.75°C
0111 1111
11 00 0000
One-Shot Register
The one-shot register is used to initiate a conversion and
comparison cycle when the ADT7461A is in standby mode,
after which the device returns to standby. Writing to the one-
shot register address (0x0F) causes the ADT7461A to perform a
conversion and comparison on both the internal and the
external temperature channels. This is not a data register as
such, and it is the write operation to Address 0x0F that causes
the one-shot conversion. The data written to this address is
irrelevant and is not stored.
Consecutive ALERT Register
The value written to this register determines how many out-of-
limit measurements must occur before an ALERT is generated.
The default value is that one out-of-limit measurement generates
an ALERT. The maximum value that can be chosen is 4. The
purpose of this register is to allow the user to perform some
filtering of the output. This is particularly useful at the fastest
three conversion rates, where no averaging takes place. This
register is at Address 0x22.
Table 13. Consecutive ALERT Register Bit
Register Value1
Number of Out-of-Limit
Measurements Required
yxxx 000x
1
yxxx 001x
2
yxxx 011x
3
yxxx 111x
4
1 x = don’t care bit.
y = SMBus timeout bit.
Default = 0. See the Serial Bus Interface section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com