Electronic Components Datasheet Search
  English  ▼

X  

CSZA2.5A Datasheet(PDF) 2 Page - Leshan Radio Company

Part # CSZA2.5A
Description  Glass Passivated Junction Zener Voltage Regulator 1.0 Watt Steady State
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

CSZA2.5A Datasheet(HTML) 2 Page - Leshan Radio Company

  CSZA2.5A Datasheet HTML 1Page - Leshan Radio Company CSZA2.5A Datasheet HTML 2Page - Leshan Radio Company CSZA2.5A Datasheet HTML 3Page - Leshan Radio Company CSZA2.5A Datasheet HTML 4Page - Leshan Radio Company CSZA2.5A Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Leshan Radio Company, LTD.
2/4
4. ELECTRICAL CHARACTERISTICS (Ta= 25ºC unless otherwise specified.)
Zzt@Izt
Ohms
30
30
30
30
29
28
24
23
22
19
7.0
5.0
2.0
4.0
4.5
5.5
6.0
7.0
8.0
9.0
10
14
16
20
22
23
25
35
40
45
50
60
70
80
95
110
125
150
175
200
250
350
550
750
900
1200
1350
1650
1950
CSZA180A
Z180A
180
1.0
8500
135
5
CSZA200A
Z200A
200
1.0
10000
150
4
CSZA150A
Z150A
150
1.0
6500
113
6
CSZA160A
Z160A
160
1.0
7000
120
6
CSZA120A
Z120A
120
1.5
5500
90
7
CSZA130A
Z130A
130
1.0
6000
98
6
CSZA100A
Z100A
100
2.5
3000
76
9
CSZA110A
Z110A
110
2.0
5000
83
8
CSZA82A
Z82A
82
3.0
3000
62.2
11
CSZA91A
Z91A
91
2.8
3000
69.2
10
CSZA68A
Z68A
68
3.7
2500
51.7
13
CSZA75A
Z75A
75
3.3
2500
56
12
CSZA56A
Z56A
56
4.5
2500
42.6
16
CSZA62A
Z62A
62
4.0
2500
47.1
14
CSZA47A
Z47A
47
5.5
2500
35.8
19
CSZA51A
Z51A
51
5.0
2500
38.8
18
CSZA39A
Z39A
39
6.5
1500
29.7
23
CSZA43A
Z43A
43
6.0
2500
32.7
22
CSZA33A
Z33A
33
7.5
1500
25.1
27
CSZA36A
Z36A
36
7.0
1500
27.4
25
CSZA27A
Z27A
27
9.5
1300
20.6
34
CSZA30A
Z30A
30
8.5
1500
22.8
30
CSZA22A
Z22A
22
11.5
1300
16.7
41
CSZA24A
Z24A
24
10.5
1300
18.2
38
18
14
1300
13.7
50
CSZA20A
Z20A
20
12.5
1300
15.2
45
CSZA13A
Z13A
13
19
1300
9.9
69
CSZA15A
Z15A
15
17
1300
0.5
11.4
61
CSZA16A
Z16A
16
15.5
1300
12.2
57
CSZA18A
Z18A
100
CSZA10A
Z10A
10
25
1300
0.25
2
7.6
91
CSZA11A
Z11A
11
23
1300
8.4
83
CSZA12A
Z12A
12
21
1300
9.1
76
CSZA7.5A
Z7.5A
7.5
34
1300
0.5
70
5.0
121
CSZA8.2A
Z8.2A
8.2
31
1300
0.5
6.0
110
CSZA9.1A
Z9.1A
9.1
28
1300
0.5
7.0
CSZA6.2A
Z6.2A
6.2
41
700
3.0
146
CSZA6.8A
Z6.8A
6.8
37
1300
4.0
133
CSZA5.1A
Z5.1A
5.1
49
550
1.0
178
CSZA5.6A
Z5.6A
5.6
45
600
2.0
164
CSZA4.3A
Z4.3
4.3
58
400
1.0
214
CSZA4.7A
Z4.7
4.7
53
400
1.0
194
CSZA3.6A
Z3.6
3.6
69
400
1.0
252
CSZA3.9A
Z3.9
3.9
64
400
1.0
238
CSZA3.0A
Z3.0
3.0
82
1600
1.0
302
CSZA3.3A
Z3.3
3.3
76
400
1.0
276
1300
1.0
334
CSZA2.8A
Z2.8
2.8
87
1400
1.0
324
mA
uA
Volts
mA
CSZA2.4A
Z2.4
2.4
102
1200
1.0
100
1.0
378
CSZA2.5A
Z2.5
2.5
98
1250
1.0
362
CSZA2.7A
Z2.7
2.7
90
Type
Device
Marking
Code
Zener
Voltage Z-Current
A and B Sufflx only
Leakage
Current
Maximum
Regulator
Current
Vz@Izt
Izt
Zzk@Izk
Izk
IR
VR
IZM @
Tamb=50℃
Volts
mA
Ohms
Vz tolerance : ±5%; Ta=25ºC Vfmax=1.2V @ IF=200mA; P=1 W
Rev.A Oct. 2022



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com