Electronic Components Datasheet Search
  English  ▼

X  

9730 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9730
Description  RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9730 Datasheet(HTML) 1 Page - Belden Inc.

  9730 Datasheet HTML 1Page - Belden Inc. 9730 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9730
RS232/422 Low Cap, #24-3pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
Product Description
Computer EIA RS-232/422, Digital Audio Cable, 3-Pair, 24 AWG stranded (7x32) tinned copper conductors, Datalene® insulation, individually shielded with
Beldfoil® (100% coverage), 24 AWG stranded tinned copper drain wire, overall PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-422 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); digital audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
3
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PE - Polyethylene (Foam) 0.019 in (0.48 mm) 0.061 in (1.5 mm)
Black & Red, Black & White, Black & Green
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC each pair
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.048 in (1.2 mm) 0.334 in (8.48 mm)
Overall Cable Diameter
(Nominal):
0.334 in (8.48 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other
(Conds + Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
28.8 Ohm/1000ft
17.4 Ohm/1000ft (57.1
Ohm/km)
13.5 pF/ft (44.3 pF/m)
23.2 pF/ft (76.1 pF/m)
100 Ohm
76%
2.5 Amps per Conductor
at 25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (AWM 2919)
Mechanical Characteristics
Temperature


Similar Part No. - 9730

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9730060100 ETC2-9730060100 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
97300601000 ETC2-97300601000 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
973006010000 ETC2-973006010000 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
9730060500 ETC2-9730060500 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Vishay Siliconix
97301E3 VISHAY-97301E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
More results

Similar Description - 9730

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1425A BELDEN-1425A Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9680 BELDEN-9680 Datasheet
197Kb / 2P
RS232/422 Low Cap, #24-3pr, PE, O/A Foil, PVC Jkt, CM, 100Ω
01-20-2023
9728 BELDEN-9728 Datasheet
155Kb / 2P
RS232/422 Low Cap, #24-4pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9731 BELDEN-9731 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-6pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
01-20-2023
9732 BELDEN-9732 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-9pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9734 BELDEN-9734 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-12pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9735 BELDEN-9735 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-15pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9736 BELDEN-9736 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-17pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
9737 BELDEN-9737 Datasheet
174Kb / 2P
RS232/422 Low Cap, #24-19pr, FPE, Indiv. Foil, PVC Jkt, CM, 100Ω
05-05-2023
1419A BELDEN-1419A Datasheet
194Kb / 2P
RS232/422 Low Cap, #24-2pr, FPE, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com