Electronic Components Datasheet Search
  English  ▼

X  

9746 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9746
Description  Electronic, 4 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9746 Datasheet(HTML) 1 Page - Belden Inc.

  9746 Datasheet HTML 1Page - Belden Inc. 9746 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9746
Electronic, 4 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 4 Pair 22AWG (7x30) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
4
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
PVC - Polyvinyl Chloride 0.011 in (0.28 mm) 0.050 in (1.3 mm)
Black & Red, Black & White, Black & Green, Black & Blue
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.281 in (7.14 mm)
Overall Cable Diameter (Nominal): 0.281 in (7.14 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
Pair(s)
18.2 Ohm/1000ft
25.5 pF/ft (83.7 pF/m)
1.9 Amps per Conductor at 20ºC
Voltage
UL Voltage Rating
300 V (CMG), 150 V (AWM 2576)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min. Installation Min.
2.8 in (71 mm)
2.8 in (71 mm)
Max. Pull Tension:
72 lbs (33 kg)
Bulk Cable Weight:
38 lbs/1000ft
Standards and Compliance


Similar Part No. - 9746

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
974 WECO-974 Datasheet
93Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
logo
Adafruit Industries
974 ADAFRUIT-974 Datasheet
311Kb / 1P
Flexible USB Swivel Adapter
11-17-17
logo
Premier Farnell Limited...
974-0010 DURATOOL-974-0010 Datasheet
101Kb / 1P
Duratool Cutter Radius Rectangular
28/07/11 V1.1
974-0030 DURATOOL-974-0030 Datasheet
101Kb / 1P
Duratool Cutter Radius Rectangular
28/07/11 V1.1
974-0040 DURATOOL-974-0040 Datasheet
101Kb / 1P
Duratool Cutter Radius Rectangular
28/07/11 V1.1
More results

Similar Description - 9746

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8748 BELDEN-8748 Datasheet
160Kb / 2P
Electronic, 9 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8750 BELDEN-8750 Datasheet
159Kb / 2P
Electronic, 27 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8757 BELDEN-8757 Datasheet
154Kb / 2P
Electronic, 4 Pr #22 Sol TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8747 BELDEN-8747 Datasheet
160Kb / 2P
Electronic, 6 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8749 BELDEN-8749 Datasheet
160Kb / 2P
Electronic, 15 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9157 BELDEN-9157 Datasheet
162Kb / 2P
Electronic, 4 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9744 BELDEN-9744 Datasheet
180Kb / 2P
Electronic, 2 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9745 BELDEN-9745 Datasheet
160Kb / 2P
Electronic, 3 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9747 BELDEN-9747 Datasheet
159Kb / 2P
Electronic, 12 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8444 BELDEN-8444 Datasheet
204Kb / 2P
Electronic, 4 C #22 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com