Electronic Components Datasheet Search
  English  ▼

X  

9752 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9752
Description  Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9752 Datasheet(HTML) 1 Page - Belden Inc.

  9752 Datasheet HTML 1Page - Belden Inc. 9752 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9752
Electronic, 9 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
Product Description
Electronic, 9 Pair 20AWG (7x28) Tinned Copper, PVC Insulation, PVC Outer Jacket, CMG
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
9
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation
Diameter
Color Code
Pair(s)
PVC - Polyvinyl
Chloride
0.015 in (0.38
mm)
0.065 in (1.7 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red & White,
Red & Green
Outer Shield
Material
No Shield
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.429 in
Overall Cable Diameter (Nominal):
0.429 in
Electrical Characteristics
Electricals
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond
Max. Current
11.3 Ohm/1000ft
24.5 pF/ft (80.4 pF/m)
4.8 Amps per Conductor at 30ºC
Voltage
UL Voltage Rating
300 V
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius
Stationary Min.
Installation Min.
4.29 in (109 mm) 4.29 in


Similar Part No. - 9752

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
975200048 ETC-975200048 Datasheet
1Mb / 12P
SELF-CLINCHING STANDOFFS
5/13/20
logo
KNIPEX
975205 KNIPEX-975205 Datasheet
174Kb / 2P
Crimping Pliers For two-hand operation
05.07.2021
975206 KNIPEX-975206 Datasheet
181Kb / 2P
Crimping Pliers For two-hand operation
05.07.2021
975210 KNIPEX-975210 Datasheet
192Kb / 2P
Crimping Pliers For two-hand operation
05.07.2021
975230 KNIPEX-975230 Datasheet
114Kb / 2P
KNIPEX PreciForce® Crimping Pliers
05.07.2021
More results

Similar Description - 9752

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8691 BELDEN-8691 Datasheet
199Kb / 2P
Electronic, 6 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
8692 BELDEN-8692 Datasheet
155Kb / 2P
Electronic, 9 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
8748 BELDEN-8748 Datasheet
160Kb / 2P
Electronic, 9 Pr #22 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9156 BELDEN-9156 Datasheet
179Kb / 2P
Electronic, 2 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9161 BELDEN-9161 Datasheet
207Kb / 2P
Electronic, 8 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
04-19-2023
9740 BELDEN-9740 Datasheet
180Kb / 2P
Electronic, 1 PR #18 Str TC, PVC Ins, PVC Jkt, CMG
04-14-2023
9743 BELDEN-9743 Datasheet
178Kb / 2P
Electronic, 19 Pr #18 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9750 BELDEN-9750 Datasheet
158Kb / 2P
Electronic, 3 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
05-05-2023
9751 BELDEN-9751 Datasheet
158Kb / 2P
Electronic, 6 Pr #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
9455 BELDEN-9455 Datasheet
145Kb / 2P
Electronic, 9 C #20 Str TC, PVC Ins, PVC Jkt, CMG
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com