Electronic Components Datasheet Search
  English  ▼

X  

9768 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9768
Description  Audio, Control & Instrument, #22-12pr, PP, Indiv. Foil, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9768 Datasheet(HTML) 1 Page - Belden Inc.

  9768 Datasheet HTML 1Page - Belden Inc. 9768 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9768
Audio, Control & Instrument, #22-12pr, PP, Indiv. Foil, PVC Jkt, CM
Product Description
Audio, Control & Instrument Cable, 12-Pair, 22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation, individually shielded pairs with
Beldfoil® (100% coverage), overall PVC jacket and 22 AWG stranded tinned copper drain wire.
Technical Specifications
Product Overview
Suitable Applications:
low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …); line level audio; computer communication; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
12
22 AWG 7x30
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Nom. Insulation
Diameter
Color Code
Pair(s)
PP -
Polypropylene
0.011 in (0.28
mm)
0.050 in (1.3 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red & White, Red & Green,
Red & Blue, Red & Yellow, Red & Brown
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (7x30) TC each pair
Outer Jacket
Separator
Material
Nom. Thickness
Nom. Diameter
Polyester Tape PVC - Polyvinyl Chloride 0.036 in (0.91 mm) 0.464 in (11.8 mm)
Overall Cable Diameter (Nominal):
0.464 in (11.8 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor
DCR
Nom. Inner Shield DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other
(Conds + Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
18.2 Ohm/1000ft
12.4 Ohm/1000ft (40.7
Ohm/km)
30 pF/ft (98 pF/m)
55 pF/ft (180 pF/m)
50 Ohm
66%
1.4 Amps per Conductor
at 25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-20°C to +80°C
Bend Radius


Similar Part No. - 9768

ManufacturerPart #DatasheetDescription
logo
KNIPEX
9768145A KNIPEX-9768145A Datasheet
135Kb / 1P
Crimping Pliers for wire ferrules
05.07.2021
logo
Advantech Co., Ltd.
9768MDKT010 ADVANTECH-9768MDKT010 Datasheet
350Kb / 2P
Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
9768MDKT011 ADVANTECH-9768MDKT011 Datasheet
350Kb / 2P
Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
9768MDKT012 ADVANTECH-9768MDKT012 Datasheet
350Kb / 2P
Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
9768MDKT013 ADVANTECH-9768MDKT013 Datasheet
350Kb / 2P
Rugged Vehicle-Mounted Terminal with Sunlight-Readable Display
4-Jan-2021
More results

Similar Description - 9768

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8774 BELDEN-8774 Datasheet
245Kb / 2P
Audio, Control & Instrument, #22-9pr, PP, Indiv. Foil, PVC Jkt, CM
8778 BELDEN-8778 Datasheet
248Kb / 2P
Audio, Control & Instrument, #22-6pr, PP, Indiv. Foil, PVC Jkt, CM
8769 BELDEN-8769 Datasheet
215Kb / 2P
Audio, Control & Instrument, #22-19pr, PP, Indiv. Foil, PVC Jkt, CM
04-19-2023
8773 BELDEN-8773 Datasheet
208Kb / 2P
Audio, Control & Instrument, #22-27pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8775 BELDEN-8775 Datasheet
170Kb / 2P
Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8776 BELDEN-8776 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-15pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
9767 BELDEN-9767 Datasheet
161Kb / 2P
Audio, Control & Instrument, #22-37pr, PP, Indiv. Foil, PVC Jkt, CM
05-05-2023
9769 BELDEN-9769 Datasheet
170Kb / 2P
Audio, Control & Instrument, #22-17pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
9877 BELDEN-9877 Datasheet
191Kb / 2P
Audio, Control & Instrument, #20-12pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9993 BELDEN-9993 Datasheet
169Kb / 2P
Audio, Control & Instrument, #24-12pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com