Electronic Components Datasheet Search
  English  ▼

X  

BAV23C Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # BAV23C
Description  Dual high-voltage switching diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAV23C Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  BAV23C Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAV23C Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BAV23C
Dual high-voltage switching diodes
1 April 2023
Product data sheet
1. General description
Dual high-voltage switching diodes, encapsulated in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
2. Features and benefits
• High switching speed: trr ≤ 50 ns
• Low leakage current
• Repetitive peak reverse voltage: VRRM ≤ 250 V
• Low capacitance: Cd ≤ 2 pF
• Small SMD plastic package
3. Applications
• High-speed switching at high voltage
• High-voltage general-purpose switching
4. Quick reference data
Table 1. Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IR
reverse current
VR = 200 V
-
-
100
nA
VR
reverse voltage
-
-
200
V
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; IR(meas) = 1 mA;
RL = 100 Ω; Tamb = 25 °C
-
-
50
ns
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
A2
anode (diode 2)
3
K1, K2
common cathode
1
2
3
SOT23
aaa-027672
A2
K1, K2
A1


Similar Part No. - BAV23C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23C DIODES-BAV23C Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23C DIODES-BAV23C Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
SeCoS Halbleitertechnol...
BAV23C SECOS-BAV23C Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
NXP Semiconductors
BAV23C NXP-BAV23C Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Micro Commercial Compon...
BAV23C MCC-BAV23C Datasheet
223Kb / 3P
350mW Small Signal Diode
More results

Similar Description - BAV23C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23 NXP-BAV23 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
BAV23S-215 NXP-BAV23S-215 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
BAV23 PHILIPS-BAV23_15 Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
Nexperia B.V. All right...
BAV23A-Q NEXPERIA-BAV23A-Q Datasheet
208Kb / 10P
Dual high-voltage switching diodes
4 April 2022
BAV23S-Q NEXPERIA-BAV23S-Q Datasheet
206Kb / 10P
Dual high-voltage switching diodes
2 February 2022
BAV23 NEXPERIA-BAV23 Datasheet
678Kb / 9P
Dual high-voltage switching diodes
1 April 2023
BAV23A NEXPERIA-BAV23A Datasheet
665Kb / 9P
Dual high-voltage switching diodes
1 April 2023
BAV23S NEXPERIA-BAV23S Datasheet
665Kb / 9P
Dual high-voltage switching diodes
1 April 2023
BAV23_SER NEXPERIA-BAV23_SER Datasheet
905Kb / 13P
Dual high-voltage switching diodes
Rev. 07 - 19 March 2010
logo
Comchip Technology
ABAV23A-HF COMCHIP-ABAV23A-HF Datasheet
547Kb / 4P
Dual High-Voltage Switching Diodes
REV:A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com