Electronic Components Datasheet Search
  English  ▼

X  

MM3Z20VT1G Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # MM3Z20VT1G
Description  Voltage regulator diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MM3Z20VT1G Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  MM3Z20VT1G Datasheet HTML 1Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 2Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 3Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 4Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 5Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 6Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 7Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 8Page - Nexperia B.V. All rights reserved MM3Z20VT1G Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Nexperia
MM3Z series
Voltage regulator diodes
Table 8. Electrical characteristics per type: MM3Z2V4T1G to MM3Z24VT1G
Tj = 25 °C unless otherwise specified.
Working voltage
VZ (V)
Differential
resistance
rdiff (Ω)
Temperature
coefficient
SZ (mV/K)
IZ = 5 mA
Reverse current
IR (µA)
IZ = 0.5
mA
IZ = 5
mA
IZ = 5 mA
Diode
capacitance
Cd (pF)[1]
MM3ZxxxT1G
Min
Max
Max
VR (V) Max
Max
Min
Max
Max
2V4
2.30
2.60
50.0
1.0
1000
100
-3.5
0
450
2V7
2.50
2.90
20.0
1.0
1000
100
-3.5
0
440
3V0
2.80
3.20
10.0
1.0
1000
95
-3.5
0
425
3V3
3.10
3.50
5.0
1.0
1000
95
-3.5
0
410
3V6
3.40
3.80
5.0
1.0
1000
90
-3.5
0
390
3V9
3.70
4.10
3.0
1.0
1000
90
-3.5
0
370
4V3
4.01
4.48
3.0
1.0
1000
90
-3.5
0
350
4V7
4.42
4.90
2.0
1.0
800
80
-3.5
0.2
325
5V1
4.84
5.37
2.0
1.5
250
60
-2.7
1.2
300
5V6
5.31
5.92
1.0
2.5
100
40
-2.0
2.5
275
6V2
5.86
6.53
0.5
3.0
80
30
0.4
3.7
250
6V8
6.47
7.14
0.5
3.5
60
20
1.2
4.5
215
7V5
7.06
7.84
0.5
4.0
60
10
2.5
5.3
170
8V2
7.76
8.64
0.5
5.0
60
10
3.2
6.2
150
9V1
8.56
9.55
0.5
6.0
60
10
3.8
7.0
120
10V
9.45
10.55
0.1
7.0
60
10
4.5
8.0
110
11V
10.44
11.56
0.1
8.0
60
10
5.4
9.0
108
12V
11.42
12.60
0.1
9.0
80
10
6.0
10.0
105
13V
12.47
13.96
0.1
10.0
80
10
7.0
11.0
103
15V
13.84
15.52
0.05
11.0
80
15
9.2
13.0
99
16V
15.37
17.09
0.05
12.0
80
20
10.4
14.0
97
18V
16.94
19.03
0.05
13.0
80
20
12.4
16.0
93
20V
18.86
21.08
0.05
15.0
100
20
14.4
18.0
88
22V
20.88
23.17
0.05
17.0
100
25
16.4
20.0
84
24V
22.93
25.57
0.05
19.0
120
30
18.4
22.0
80
[1] f = 1 MHz; VR = 0 V
MM3Z_SER
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2023. All rights reserved
Product data sheet
Rev. 2 — 21 February 2023
4 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com