Electronic Components Datasheet Search
  English  ▼

X  

BDX45 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BDX45
Description  PNP Darlington transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BDX45 Datasheet(HTML) 6 Page - NXP Semiconductors

  BDX45 Datasheet HTML 1Page - NXP Semiconductors BDX45 Datasheet HTML 2Page - NXP Semiconductors BDX45 Datasheet HTML 3Page - NXP Semiconductors BDX45 Datasheet HTML 4Page - NXP Semiconductors BDX45 Datasheet HTML 5Page - NXP Semiconductors BDX45 Datasheet HTML 6Page - NXP Semiconductors BDX45 Datasheet HTML 7Page - NXP Semiconductors BDX45 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
1997 Jul 02
6
Philips Semiconductors
Product specification
PNP Darlington transistors
BDX45; BDX47
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
LQ
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.88
0.65
2.7
2.3
0.60
0.45
11.1
10.5
7.8
7.2
2.29
e
4.58
0.254
P
3.2
3.0
P1
3.9
3.6
DIMENSIONS (mm are the original dimensions)
Note
1. Terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities.
16.5
15.3
1.5
0.9
L1(1)
max
2.54
SOT32
TO-126
97-03-04
0
2.5
5 mm
scale
A
Plastic single-ended leaded (through hole) package; mountable to heatsink, 1 mounting hole; 3 leads
SOT32
D
P1
P
E
e1
A
L
Q
c
bp
12
3
L1
w M
e



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com