Electronic Components Datasheet Search
  English  ▼

X  

AS3517 Datasheet(PDF) 1 Page - ams AG

Part # AS3517
Description  Stereo Audio Codec with advanced System Power Management
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3517 Datasheet(HTML) 1 Page - ams AG

  AS3517 Datasheet HTML 1Page - ams AG AS3517 Datasheet HTML 2Page - ams AG AS3517 Datasheet HTML 3Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AS3517
austriamicrosystems
Product Brief
www.austriamicrosystems.com
Revision 1.0
1 - 3
General Description
The AS3517 is a low power stereo audio codec and
is designed for Portable Digital Audio Applications.
It allows playback and recording in CD quality. It
has a variety of audio inputs and outputs to directly
connect electret microphones, 16
Ω headset and
auxiliary signal sources via a 10-channel mixer. It
only consumes 20mW in playback mode.
Further
the
device
offers
advanced
power
management functions. All necessary ICs and
peripherals in a Digital Audio Player with flash or
harddisk memory are supplied by the AS3517. The
power management block generates 11 different
supply voltages out of the battery supply. CPU,
NAND flash, SRAM, memory cards, harddisk, LCD
backlight,
USB-HOST
and
USB-OTG
can
be
powered.
The
different
supply
voltages
are
programmable via the serial control interface.
AS3517 also contains a charger. The supply
voltage can range from 3.0V to 5.5V.
The AS3517 has an on-chip, phase locked loop
(PLL) controlled, clock generator. It generates
44.1kHz, 48kHz and other sample rates defined in
MP3, AAC, WMA, OGG VORBIS etc. No additional
external crystal or PLL is needed in slave mode.
Further the AS3517 has an independent 32kHz real
time clock (RTC) on chip which allows a complete
power down of the system CPU.
Key Features
Multi-bit Sigma Delta Converters
– DAC: 18bit with 94dB SNR (‘A’ weighted)
– ADC: 20bit with 94dB SNR (‘A’ weighted)
– Sampling Frequency: 8-48kHz
2 Microphone Inputs
– 3 gain pre-setting (28dB/34dB/40dB) and OFF
– 32 gain steps @1.5dB and MUTE
– supply for electret microphones
– microphone detection
– voice activation
– remote control by switch
2 Line Inputs
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– stereo or 2x mono or mono differential
2 Line Outputs
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 1Vp @10k
High Efficiency Headphone Amplifier
– volume control via serial interface
– 32 steps @1.5dB and MUTE
– 2x60mW @16
Ω driver capability
– headphone and over-current detection
– phantom ground eliminates large capacitors
Audio Mixer
– 10 channel input/output mixer
– mixes line inputs and microphones with DAC
– left and right channels independent
Power Management
– step down for harddisk (0.65V-3.4V, 500mA)
– step down for CPUcore (0.65V-3.4V, 250mA)
– step down for peripheral (0.65V-3.4V, 250mA)
– charge pump for USB OTG (5V, 10mA)
– step up for USB HOST/OTG (5V, 500mA)
– step up for backlight (15V, 40mA), dimming
– LDO for digital supply (2.9V, 200mA)
– LDO for analogue supply (2.9V, 200mA)
– LDO for peripherals (1.2V-3.5V, 200mA)
– LDO for peripherals (1.2V-3.5V, 200mA)
– LDO for RTC (1.0V-2.5V, 2mA)
– power supply supervision
– hibernation modes
– 10sec and 5sec emergency shut-down
Battery Charger
– automatic trickle charge (50mA)
– prog. constant current charging (50-400mA)
– prog. constant voltage charging (3.9V-4.25V)
Real Time Clock
– ultra low power 32kHz oscillator
– 32bit RTC sec counter, 96 days auto wake-up
– selectable alarm (seconds or minutes)
– 128bit free SRAM for random settings
– 32kHz clock output to peripheral
Auxiliary Oscillator (only for master clock mode)
– low power 12-24MHz oscillator
– master clock output to peripheral (e.g.CPU)
General Purpose ADC
– 10bit resolution
– 21 inputs analogue multiplexer
Interfaces
– I²S digital audio interface and SPDIF
– 2 wire serial control interface
– reset pin, watchdog via serial interface and pin
– power good pin, PWM output
– 128bit unique ID (OTP)
– 30 different interrupts
Package BGA81 [9.0x9.0x1.15mm] 0.8mm pitch
Application
Portable Digital Audio Player and Recorder
PDA, Smartphone
Product Brief
AS3517
Stereo Audio Codec with advanced System Power Management


Similar Part No. - AS3517

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
AS3517H-ECTP AMSCO-AS3517H-ECTP Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
AS3517H-ECTS AMSCO-AS3517H-ECTS Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
More results

Similar Description - AS3517

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
Stereo Audio Codec with System Power Management
AS3543 AMSCO-AS3543 Datasheet
534Kb / 4P
High End Stereo Audio Codec with System PMU
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
Stereo Audio Codec with enhanced System Power Management
logo
Texas Instruments
TPS65950 TI-TPS65950_1 Datasheet
180Kb / 8P
Integrated Power Management/Audio Codec
logo
Wolfson Microelectronic...
WM8350 WOLFSON-WM8350 Datasheet
2Mb / 340P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8351 WOLFSON-WM8351 Datasheet
3Mb / 330P
Wolfson AudioPlus??Stereo CODEC with Power Management
WM8352 WOLFSON-WM8352 Datasheet
2Mb / 336P
Wolfson AudioPlus™ Stereo CODEC with Power Management
February 2011, Rev 4.4
logo
ams AG
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
Stereo Audio Codec with System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com