Electronic Components Datasheet Search
  English  ▼

X  

CGP20 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # CGP20
Description  Miniature Clamper/Damper Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

CGP20 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  CGP20 Datasheet HTML 1Page - Vaishali Semiconductor CGP20 Datasheet HTML 2Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CGP20 and DGP20
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88568
2
03-Jan-03
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
Fig.1 - Forward Current Derating Curve
Ambient Temperature (
°C)
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
Fig.3 - Typical Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (V)
Fig.4 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig.5 - Typical Junction Capacitance
Reverse Voltage (V)
0
25
50
75
100
125
150
175
0
0.5
1.0
1.5
2.0
1
10
100
0
10
20
30
40
50
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
0
20
40
60
80
100
0.01
0.1
1
10
1
10
100
1
10
30
Resistive or
Inductive Load
Capacitance Load
Ipk/IAV = 5.0
10
20
0.375" (9.5mm)
Lead Length
8.3ms Single Half Sine-Wave
(JEDEC Method)
TJ = 25°C
No Load Condition
TJ = TJmax.
TJ = 150°C
TJ = 25°C
Pulse Width = 300
µs
1% Duty Cycle
TJ = 25°C
TJ = 125°C
TJ = 25°C
f = 1.0 MHz
Vsig = 50mVp-p
Ipk/IAV =
π



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com