Electronic Components Datasheet Search
  English  ▼

X  

DGP20 Datasheet(PDF) 1 Page - Vaishali Semiconductor

Part # DGP20
Description  Miniature Clamper/Damper Glass Passivated Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

DGP20 Datasheet(HTML) 1 Page - Vaishali Semiconductor

  DGP20 Datasheet HTML 1Page - Vaishali Semiconductor DGP20 Datasheet HTML 2Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
CGP20 and DGP20
Vishay Semiconductors
formerly General Semiconductor
Document Number 88568
www.vishay.com
03-Jan-03
1
New Product
Miniature Clamper/Damper
Glass Passivated Rectifier
Reverse Voltage 1400 to 1500V
Forward Current 2.0A
Patented*
0.034 (0.86)
0.028 (0.71)
Dia.
0.140 (3.6)
0.104 (2.6)
Dia.
0.230 (5.8)
0.300 (7.6)
1.0 (25.4)
min.
1.0 (25.4)
min.
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
CGP20
DGP20
Unit
Maximum repetitive peak reverse voltage
VRRM
1400
1500
V
Maximum RMS voltage
VRMS
980
1050
V
Maximum DC blocking voltage
VDC
1400
1500
V
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA = 50°C
IF(AV)
2.0
A
Peak forward surge current 8.3ms single half sine
wave superimposed on rated load (JEDEC Method)
IFSM
40
A
Maximum full load reverse current full cycle
average 0.375” (9.5mm) lead length at TA = 100°C
IR(AV)
200
µA
Typical thermal resistance (Note 1)
R
ΘJA
55
°C/W
Operating junction and storage temperature range
TJ, TSTG
–65 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
CGP20
DGP20
Unit
Maximum instantaneous forward voltage at 2.0A
VF
1.1
V
Maximum DC reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
100
µA
Maximum reverse recovery time at IF = 0.5A, IR = 50mA
trr
15
20
µs
Maximum reverse recovery time
typical
1.0
at IF=0.5A, IR=1.0A, Irr=0.25A
maximum
trr
1.5
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
15
pF
Notes: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
DO204AC (DO-15)
Features
• Specially designed for clamping circuits, horizontal
deflection systems and damper applications
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0.
• High temperature metallurgically bonded construction
• Cavity-free glass passivated junction
• 2.0 ampere operation at TA=50°C with no thermal runaway
• Typical IR less than 0.1
µA
• Capable of meeting environmental standards of
MIL-S-19500
• High temperature soldering guaranteed: 350°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Mechanical Data
Case: JEDEC DO-204AC, molded plastic over glass body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 oz., 0.4 g
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306.
Dimensions in inches
and (millimeters)


Similar Part No. - DGP20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DGP20 VISHAY-DGP20 Datasheet
79Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
Power-One
DGP20E12T5 POWER-ONE-DGP20E12T5 Datasheet
901Kb / 3P
TRIPLE OUTPUT
DGP20E12T5/12 POWER-ONE-DGP20E12T5/12 Datasheet
901Kb / 3P
TRIPLE OUTPUT
DGP20E12T5/15 POWER-ONE-DGP20E12T5/15 Datasheet
901Kb / 3P
TRIPLE OUTPUT
DGP20E24T5/12 POWER-ONE-DGP20E24T5/12 Datasheet
901Kb / 3P
TRIPLE OUTPUT
More results

Similar Description - DGP20

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG1 GE-CG1 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
CG2 GE-CG2 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
11-Dec-13
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
CGP15 VISHAY-CGP15_V01 Datasheet
75Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com