Electronic Components Datasheet Search
  English  ▼

X  

1222 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 1222
Description  SILICON TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

1222 Datasheet(HTML) 1 Page - Renesas Technology Corp

  1222 Datasheet HTML 1Page - Renesas Technology Corp 1222 Datasheet HTML 2Page - Renesas Technology Corp 1222 Datasheet HTML 3Page - Renesas Technology Corp 1222 Datasheet HTML 4Page - Renesas Technology Corp 1222 Datasheet HTML 5Page - Renesas Technology Corp 1222 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
To our customers,
Old Company Name in Catalogs and Other Documents
On April 1st, 2010, NEC Electronics Corporation merged with Renesas Technology
Corporation, and Renesas Electronics Corporation took over all the business of both
companies. Therefore, although the old company name remains in this document, it is a valid
Renesas Electronics document. We appreciate your understanding.
Renesas Electronics website: http://www.renesas.com
April 1st, 2010
Renesas Electronics Corporation
Issued by:
Renesas Electronics Corporation (http://www.renesas.com)
Send any inquiries to http://www.renesas.com/inquiry.


Similar Part No. - 1222

ManufacturerPart #DatasheetDescription
logo
Energizer
1222 ENERGIZER-1222 Datasheet
90Kb / 2P
9V SUPER HEAVY DUTY
logo
Alpha Wire
1222 ALPHAWIRE-1222 Datasheet
95Kb / 3P
Customer Specification
9/8/2022
logo
Sensata Technologies, I...
1222 SENSATA-1222 Datasheet
198Kb / 3P
ROTARY MOTION | PRECISION SENSOR
logo
Heyco.
12220 HEYCO-12220 Datasheet
157Kb / 1P
Unscrewing Snap Rivets
logo
STEGO Elektrotechnik Gm...
12220.0-00 STEGO-12220.0-00 Datasheet
934Kb / 3P
VARIOLINE LAMP WITH SOCKET
20.07.2022
More results

Similar Description - 1222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N4424 ETC-2N4424 Datasheet
94Kb / 3P
SILICON TRANSISTORS
logo
New Jersey Semi-Conduct...
2N3402 NJSEMI-2N3402 Datasheet
149Kb / 1P
SILICON TRANSISTORS
2N3854 NJSEMI-2N3854 Datasheet
137Kb / 1P
SILICON TRANSISTORS
2N4424 NJSEMI-2N4424 Datasheet
121Kb / 1P
SILICON TRANSISTORS
2N5307 NJSEMI-2N5307 Datasheet
132Kb / 1P
SILICON TRANSISTORS
2N5777 NJSEMI-2N5777 Datasheet
134Kb / 2P
SILICON TRANSISTORS
GES5814 NJSEMI-GES5814 Datasheet
156Kb / 2P
Silicon Transistors
GES5401 NJSEMI-GES5401 Datasheet
117Kb / 2P
Silicon Transistors
logo
Renesas Technology Corp
2SC3623 RENESAS-2SC3623 Datasheet
271Kb / 6P
SILICON TRANSISTORS
2002
2SD1616 RENESAS-2SD1616 Datasheet
235Kb / 6P
SILICON TRANSISTORS
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com