Electronic Components Datasheet Search
  English  ▼

X  

LTC3732CG Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3732CG
Description  3-Phase, 5-Bit VID, 600kHz, Synchronous Buck Switching Regulator Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3732CG Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3732CG Datasheet HTML 17Page - Linear Technology LTC3732CG Datasheet HTML 18Page - Linear Technology LTC3732CG Datasheet HTML 19Page - Linear Technology LTC3732CG Datasheet HTML 20Page - Linear Technology LTC3732CG Datasheet HTML 21Page - Linear Technology LTC3732CG Datasheet HTML 22Page - Linear Technology LTC3732CG Datasheet HTML 23Page - Linear Technology LTC3732CG Datasheet HTML 24Page - Linear Technology LTC3732CG Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
LTC3732
3732f
APPLICATIO S I FOR ATIO
loop feedback factor gain and phase. An output current
pulse of 20% to 80% of full load current having a rise time
of <2
µswillproduceoutputvoltageandITHpinwaveforms
that will give a sense of the overall loop stability without
breaking the feedback loop. The initial output voltage step,
resulting from the step change in output current, may not
be within the bandwidth of the feedback loop, so this signal
cannot be used to determine phase margin. This is why it
is better to look at the ITH pin signal which is in the
feedback loop and is the filtered and compensated control
loop response. The gain of the loop will be increased by
increasing RC and the bandwidth of the loop will be
increased by decreasing CC. If RC is increased by the same
factor that CC is decreased, the zero frequency will be kept
the same, thereby keeping the phase the same in the most
critical frequency range of the feedback loop. The output
voltage settling behavior is related to the stability of the
closed-loop system and will demonstrate the actual over-
all supply performance.
A second, more severe transient is caused by switching in
loads with large (>1
µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
alter its delivery of current quickly enough to prevent this
sudden step change in output voltage if the load switch
resistance is low and it is driven quickly. If CLOAD is greater
than 2% of COUT , the switch rise time should be controlled
so that the load rise time is limited to approximately
1000 • RSENSE • CLOAD. Thus a 250µF capacitor and a 2mΩ
RSENSE resistor would require a 500µs rise time, limiting
the charging current to about 1A.
Automotive Considerations: Plugging into the
Cigarette Lighter
As battery-powered devices go mobile, there is a natural
interest in plugging into the cigarette lighter in order to
conserve or even recharge battery packs during opera-
tion. But before you connect, be advised: you are plugging
into the supply from hell. The main battery line in an
automobile is the source of a number of nasty potential
transients, including load dump, reverse battery and
double battery.
Load dump is the result of a loose battery cable. When the
cable breaks connection, the field collapse in the alternator
can cause a positive spike as high as 60V which takes
several hundred milliseconds to decay. Reverse battery is
just what it says, while double battery is a consequence of
tow-truck operators finding that a 24V jump start cranks
cold engines faster than 12V.
The network shown in Figure 10 is the most straightfor-
ward approach to protect a DC/DC converter from the
ravages of an automotive battery line. The series diode
prevents current from flowing during reverse battery,
while the transient suppressor clamps the input voltage
during load dump. Note that the transient suppressor
should not conduct during double-battery operation, but
must still clamp the input voltage below breakdown of the
converter. Although the IC has a maximum input voltage
of 32V on the SW pins, most applications will be limited to
30V by the MOSFET BVDSS.
+
LTC3732
VCC
5V
VBAT
12V
3732 F10
Figure 10. Automotive Application Protection
Design Example
As a design example, assume VIN = 12V(nominal), VIN =
20V(max), VOUT = 1.3V, IMAX = 45A and f = 400kHz. The
inductance value is chosen first based upon a 30% ripple
current assumption. The highest value of ripple current in
each output stage occurs at the maximum input voltage.
L
V
fI
V
V
V
kHz
A
V
V
H
OUT
OUT
IN
=
∆
()
−


= ()( )( ) −


≥
µ
1
13
400
30
15
1
13
20
068
.
%
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com