Electronic Components Datasheet Search
  English  ▼

X  

MA5801 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5801
Description  58V Asynchronous Buck Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5801 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5801 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5801 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/10
MA5801
Major Power Technology Co., Ltd.
Rev.1.2
28th, Sep., 2021
❖
PIN ASSIGNMENT
The package of MA5801 is SOP8L-EP (Exposed pad); the pin assignment is given by:
( Top View )
1
2
3
4
8
7
6
5
SW
HGC
SOP8L-EP
EN
VIN
FB
VDD
GND
COMP
(SW )
PAD
Name
Description
SW
Power Switching Output. SW is the switching node that supplies power to the output.
Connect the output LC filter from SW to the output load.
VIN
Power Input. Bypass VIN to Ground with a suitably high capacitance E-CAP to eliminate
noise, and bypass IC PIN2-VIN to pin8-GND with a 4.7uf ceramic MLCC (e.g. X5R).
HGC
Supply high-side gate driver. Decouple this pin to VIN pin with 0.1uf ceramic CAP (e.g.
X5R) and a 18kΩ resistor.
EN
Enable control. ( internal pull high ).
COMP Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop.
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage.
VDD
Internal regulator pin.
GND Ground.
PAD
SW (Connect to SW).
❖
ORDER / MARKING INFORMATION
Order Information
Top Marking
Package Type
MA5801
Packing
A : Taping
XX X
ES: SOP8L-EP
Blank: Tube
X X X X X
MA 5 8 0 1 Part number
ID code:internal
WW:01~52
Year:18=2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com