Electronic Components Datasheet Search
  English  ▼

X  

MA5820 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA5820
Description  58V Asynchronous Buck Controller With CC/CV
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA5820 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA5820 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA5820 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/10
MA5820
Major Power Technology Co., Ltd.
Rev.1.1
24th, Sep., 2021
❖
PIN ASSIGNMENT
The package of MA5820 is MSOP10L-EP (Exposed pad); the pin assignment is given by:
( Top view )
MSOP-10L-EP
GND
FB
GH
HGC
VDD
VIN
SENSE
COMP
1
2
3
4
5
6
7
8
9
10
CS
LX
E-PAD
(GND)
Name
Description
HGC Supply high-side gate driver. Decouple this pin to VIN pin with 0.1uf ceramic CAP (e.g.
X5R) and a 18kΩ resistor.
CS
The Current Sense Pin.
COMP Compensation Node. Connect a series RC network from COMP to GND.
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage positive node.
VDD
Internal Regulator Pin.
GND Ground.
LX
Switching node and Switching sense pin.
GH
Gate driver for external high-side PMOS.
SENSE
Power Input and Current Limit SENSE pin. Bypass SENSE (of High-side PMOS) to
Ground with high capacitance 4.7uF ceramic MLCC (e.g. X5R) to eliminate noise. Ensure
a very large SENSE area for high-side PMOS cooling.
VIN
Power Input. Bypass VIN to Ground with a suitably high capacitance E-CAP to eliminate
noise, and bypass IC PIN10-VIN to pin6-GND with a 0.1uf ceramic MLCC (e.g. X5R.)
E-PAD Exposed pad. Connect to GND.
❖
ORDER/MARKING INFORMATION
Order Information
Top Marking
Package Type
MA5820
Packing
A : Taping
XX X
EM: MSOP10L-EP
Blank: Tube
X X X X X
MA5 8 2 0 Part number
ID code:internal
WW:01~52
Year:18=2018



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com