Electronic Components Datasheet Search
  English  ▼

X  

V385A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # V385A
Description  8-BIT LVDS TRANSMITTER FOR VIDEO
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

V385A Datasheet(HTML) 1 Page - Renesas Technology Corp

  V385A Datasheet HTML 1Page - Renesas Technology Corp V385A Datasheet HTML 2Page - Renesas Technology Corp V385A Datasheet HTML 3Page - Renesas Technology Corp V385A Datasheet HTML 4Page - Renesas Technology Corp V385A Datasheet HTML 5Page - Renesas Technology Corp V385A Datasheet HTML 6Page - Renesas Technology Corp V385A Datasheet HTML 7Page - Renesas Technology Corp V385A Datasheet HTML 8Page - Renesas Technology Corp V385A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
V385A
Revision 1.2
8-BIT LVDS TRANSMITTER FOR VIDEO
General Description
The V385A transmitter converts 28 bits of 3.3 V
CMOS/TTL into 4 Low Voltage Differential Signaling
(LVDS) data streams while the transmit clock input is
transmitted in parallel with the data streams over a fifth
LVDS link.
Compared to the V385, the V385A provides an
extended clock frequency range of 12-90 MHz, rather
than 20-85 MHz. Other performance improvements
have been incorporated as well.
The V385A can be programmed for rising edge or
falling edge clocks through pin R_FB.
Pin Assignment
Features
• Extended clock frequency range of 12 to 90 MHz
• Convert 28 bits of 3.3 V CMOS/TTL into 4 LVDS
streams
• Up to 2.52 Gbps throughput or 315 Megabytes/sec
bandwidth
• Spread spectrum compatible
• Supports SD, HD and VGA graphics applications
• LVDS voltage swing of 350 mV for low EMI
• On-chip PLL requires no external components
• Single 3.3 V low-power CMOS design
• Operating temperature of -10 to +70°C
• Programmable rising or falling edge strobe
• Power-down control function
• Compatible with TIA/EIA-644 LVDS standards
• Packaged in a 56-pin TSSOP (Pb free available)
• Pin and function compatible with the National
DS90C385, TI SN65LVDS93 and THine
THC63LVDM83, but with extended clock frequency
and operating temperature range
Block Diagram
12
1
11
2
10
VCC
3
9
TxIN5
4
5
6
7
8
16
15
14
13
56-pin TSSOP
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
TxIN6
TxIN7
TxIN8
TxIN9
TxIN10
GND
VCC
TxIN11
TxIN12
TxIN13
GND
TxIN14
TxIN15
TxIN16
R_FB
TxIN17
TxIN18
TxIN19
GND
TxIN20
TxIN21
TxIN22
TxIN23
TxIN24
TxIN25
VCC
GND
TxIN26
PWRDWN
PLL_GND
PLL_GND
PLL_VCC
LVDS_GND
LVDS_GND
LVDS_GND
LVDS_VCC
TxOUT3+
TxOUT3-
TxCLKOUT+
TxCLKOUT-
TxOUT2+
TxOUT2-
TxCLKIN
TxOUT1+
TxOUT1-
TxOUT0+
TxOUT0-
TxIN27
TxIN0
TxIN1
GND
TxIN2
TxIN3
TxIN4
TTL to
LVDS
TxOUT0+
PLL
TxOUT0-
TxOUT1+
TxOUT1-
TxOUT2+
TxOUT2-
TxOUT3+
TxOUT3-
TxCLKOUT+
TxCLKOUT-
24
Red, Green, Blue
CLOCK
PWRDWN
R_FB
CONTROL
DATA ENABLE
VSYNC
HSYNC


Similar Part No. - V385A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V385AG ICST-V385AG Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V385AGLF ICST-V385AGLF Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V385AGLF ICST-V385AGLF Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V385AGLFT ICST-V385AGLFT Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
More results

Similar Description - V385A

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V386 ICST-V386 Datasheet
243Kb / 10P
8-BIT LVDS RECEIVER FOR VIDEO
Revision 2.0
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103 ICST-V103 Datasheet
150Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
Revision 2.0
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Rohm
BU7988KVT ROHM-BU7988KVT Datasheet
952Kb / 27P
56bit LVDS Transmitter 56:8 Serializer
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTVP386 RENESAS-IDTVP386 Datasheet
275Kb / 13P
8/28-BIT LVDS RECEIVER FOR VIDEO
2019
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com