Electronic Components Datasheet Search
  English  ▼

X  

MA7930 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7930
Description  Linear Hall Element
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7930 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7930 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7930 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/6
MA7930
Major Power Technology Co., Ltd.
Rev.1.1
8th, Mar., 2022
❖
PIN ASSIGNMENT
The packages of MA7930 are shown as bellow; the pin assignment is given by:
❖
ORDER / MARKING INFORMATION
Order Information
Top Marking (SIP-4L)
Package Type
MA7930
Packing
A : Taping
XXX
P4: SIP-4L
Blank: Tube
Y Y WW X
7930
Part number
ID code:internal
WW:01~52
Year:18=2018
Order Information
Top Marking (SOT)
Package Type
MA7930
Packing
A : Taping
X X
B: SOT23-5L
BP:SOT23-5F
Blank: Tube
L
Week: 01~26(A~Z)
27~52(a~z)
Year : 8 = 2018
ID Code: Internal
C Y W X
❖
BLOCK DIAGRAM
Hall
Plate
VDD
VOP
Amp.
GND
Control
Circuit
VON
Package Sensor Location
1
2
3
4
5
GND
VON
VDD
NC
VOP
1.45mm
0.8mm
VDD VOP GND
(Top View)
SIP-4L
VON
1.90mm
1.10mm
1
2
3
4
(Sensor Location)
(Top View)
SOT23-5L/F
Name
Description
VDD
Supply Voltage
VOP
VH+
VON VH-
NC
No Connect
GND Ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com