Electronic Components Datasheet Search
  English  ▼

X  

MA7952 Datasheet(PDF) 1 Page - Major-Power Technology Co., LTD.

Part # MA7952
Description  Dual Outputs Linear Hall Effect Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7952 Datasheet(HTML) 1 Page - Major-Power Technology Co., LTD.

  MA7952 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7952 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/6
MA7952
Major Power Technology Co., Ltd.
Rev.0.2
04th, Nov., 2021
Dual Outputs Linear Hall Effect Sensor
❖
GENERAL DESCRIPTION
The MA7952 is a dual outputs linear Hall-effect sensor suited to detect the speed and
the position of ferromagnetic or the permanent magnet structures. The linear Hall sensor
have an operating Temperature range of -40°C to +105°C, appropriate for commercial,
consumer, and industrial environments.
The high sensitivity of Hall-effect sensor accurately tracks extremely small changes in
magnetic flux density. The linear output voltages are set by the supply voltage and vary in
proportion to the strength of the magnetic field. Typical operation current is 6.5 mA and
operating voltage range is 2.8 volts to 5.5 volts.
The package style available provides magnetically optimized solutions for most
applications.
❖
FEATURES
-
Operating Voltage Range: 2.8V~5.5V
-
Gauss Sensitivity: 5mV/G
-
Power Consumption of 6.5 mA at 5 Vdc for Energy Efficiency
-
Linear Outputs for Circuit Design Flexibility
-
Totem-pole for a Stable and Accurate Outputs
-
Responds to either Positive or Negative Gauss
-
Magnetically Optimized Package for SIP
-
Cost Competitive
-
Robust ESD Performance
-
Reverse VDD Polarity Protection
-
Low Profile SIP-4L Package ( Green and Lead Free )
❖
APPLICATION
-
Speed sensing / Position sensing / Rotation direction sensing


Similar Part No. - MA7952

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA795 PANASONIC-MA795 Datasheet
76Kb / 3P
Silicon epitaxial planar type
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7950P4A MPOWER-MA7950P4A Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
MA7951SA MPOWER-MA7951SA Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
More results

Similar Description - MA7952

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
Linear Hall Effect Sensor
logo
Melexis Microelectronic...
MLX90277 MELEXIS-MLX90277 Datasheet
416Kb / 21P
Dual Programmable Linear Hall Effect Sensor
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
Linear Hall Effect Sensor
logo
Unisonic Technologies
UHS49 UTC-UHS49 Datasheet
151Kb / 4P
LINEAR HALL EFFECT SENSOR
logo
SEC Electronics Inc.
SS1302_1311 SECELECTRONICS-SS1302_1311 Datasheet
349Kb / 5P
Linear Hall Effect Sensor
SS4833 SECELECTRONICS-SS4833 Datasheet
226Kb / 4P
Linear Hall Effect Sensor
logo
Major-Power Technology ...
MA7950 MPOWER-MA7950 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.3
MA7951 MPOWER-MA7951 Datasheet
118Kb / 2P
Four Outputs Linear Hall Effect Sensor
Rev.0.1
MA7953 MPOWER-MA7953 Datasheet
119Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
MA7954 MPOWER-MA7954 Datasheet
104Kb / 2P
Dual Outputs Linear Hall Effect Sensor
Rev.0.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com