Electronic Components Datasheet Search
  English  ▼

X  

MA7953 Datasheet(PDF) 2 Page - Major-Power Technology Co., LTD.

Part # MA7953
Description  Dual Outputs Linear Hall Effect Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPOWER [Major-Power Technology Co., LTD.]
Direct Link  http://major-power.com.tw/
Logo MPOWER - Major-Power Technology Co., LTD.

MA7953 Datasheet(HTML) 2 Page - Major-Power Technology Co., LTD.

  MA7953 Datasheet HTML 1Page - Major-Power Technology Co., LTD. MA7953 Datasheet HTML 2Page - Major-Power Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2/6
MA7953
Major Power Technology Co., Ltd.
Rev.0.1
24
th, Nov., 2021
PIN ASSIGNMENT
The package of MA7953 is SOT23-5L; the pin assignment is given by:
ORDER / MARKING INFORMATION
Order Information
Top Marking (SOT23-5L)
Package
MA7953
Packing
A : Taping
XX X
Blank: Bag
B: SOT23-5L
L
Week: 01~26 (A~Z)
27~52 (a~z)
Year: 1 = 2021
ID Code: Internal
F Y W X
TEST CIRCUIT
OUT1
GND
VDD
VDD
OUT1
10nF
OUT2
OUT2
47nF~
100nF
47nF~
100nF
TRANSFER CHARACTERISTICS (VDD=5.0V)
Magnetic Range
Gauss
2.5V
VOUT1
VOH=4.8V
-B
0
+B
Output1
Voltage
Typcal
VOL=0.20V
N
S
Magnetic Range
Gauss
2.5V
VOUT2
VOH=4.8V
-B
0
+B
Output2
Voltage
Typcal
VOL=0.20V
N
S
1
2
3
4
5
VDD
OUT1
OUT2
GND
NC
SOT23-5L
( Marking Side )
Name
Description
VDD
Supply Voltage
OUT1 Output 1
OUT2 Output 2
GND Ground.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com