Electronic Components Datasheet Search
  English  ▼

X  

X28HT010W Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X28HT010W
Description  5V, Byte Alterable EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X28HT010W Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X28HT010W Datasheet HTML 5Page - Renesas Technology Corp X28HT010W Datasheet HTML 6Page - Renesas Technology Corp X28HT010W Datasheet HTML 7Page - Renesas Technology Corp X28HT010W Datasheet HTML 8Page - Renesas Technology Corp X28HT010W Datasheet HTML 9Page - Renesas Technology Corp X28HT010W Datasheet HTML 10Page - Renesas Technology Corp X28HT010W Datasheet HTML 11Page - Renesas Technology Corp X28HT010W Datasheet HTML 12Page - Renesas Technology Corp X28HT010W Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
X28C010, X28HT010
FN8105 Rev 1.00
Page 9 of 20
February 12, 2007
Active Supply Current vs. Ambient Temperature
Standby Supply Current vs. Ambient Temperature
ICC (RD) by Temperature Over Frequency
-55
-10
+125
12
14
16
18
Ambient Temperature (°C)
10
+35
+80
VCC = 5V
-55
-10
+125
0.15
0.2
0.25
0.3
Ambient Temperature (°C)
0.05
+35
+80
VCC = 5V
0.1
03
15
30
40
50
5.0 VCC
Frequency (MHz)
10
69
-55°C
+25°C
12
20
60
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com