Electronic Components Datasheet Search
  English  ▼

X  

BF1101R Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BF1101R
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101R Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BF1101R Datasheet HTML 4Page - NXP Semiconductors BF1101R Datasheet HTML 5Page - NXP Semiconductors BF1101R Datasheet HTML 6Page - NXP Semiconductors BF1101R Datasheet HTML 7Page - NXP Semiconductors BF1101R Datasheet HTML 8Page - NXP Semiconductors BF1101R Datasheet HTML 9Page - NXP Semiconductors BF1101R Datasheet HTML 10Page - NXP Semiconductors BF1101R Datasheet HTML 11Page - NXP Semiconductors BF1101R Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1999 May 14
8
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
Fig.17 Input admittance as a function of frequency;
typical values.
VDS = 5 V; VG2 =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGS311
102
10
1
10−1
10
102
103
f (MHz)
yis
(mS)
bis
gis
Fig.18 Reverse transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGS312
102
ϕrs
(deg)
−102
−1
−10
10
1
10
102
103
f (MHz)
|yrs|
(mS)
|yrs|
ϕrs
Fig.19 Forward transfer admittance and phase as
a function of frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGS313
102
ϕfs
(deg)
−102
−1
−10
10
1
10
102
103
f (MHz)
|yfs|
(mS)
ϕfs
|yfs|
Fig.20 Output admittance as a function of
frequency; typical values.
VDS = 5 V; VG2 =4V.
ID = 12 mA; Tamb =25 °C.
handbook, halfpage
MGS314
10
10−1
1
10
102
103
f (MHz)
yos
(mS)
bos
gos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com