Electronic Components Datasheet Search
  English  ▼

X  

CS1220 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS1220
Description  SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS1220 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS1220 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS1220 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUC T BRIEF
S122
0
Description
The S1220 device consists of four CDR modules.
Each of the modules can independently run at
the OC-3 or OC-12 data rate. The S1220 can also
be provisioned to mix and match OC-3 and OC-
12 data streams within the same device.
The S1220 can be configured in Media
Independent Interface (MII) mode or in Non-MII
mode.
The S1220 minimizes the external components
on the board: no external loop filter
component, internally biased outputs, internally
provided common mode bias for AC input, and
internally provided bias for external LVPECL
driver.
The S1220 offers significant advantages in
power and real estate savings with high level of
integration, and a small package.
The figure below, System Block Diagram, shows
a typical network application.
Overview
The function of the S1220 clock and data
recovery unit is to derive high speed timing
signals for SONET/SDH-based equipment. The
S1220 receives either an OC-12 or an OC-3
scrambled NRZ signal and recovers the clock
from the data stream. The device outputs a
differential bit clock and retimed data.
The Low Voltage LVDS or LVPECL interfaces
guarantee compliance with the bit-error rate
requirements of the Telcordia and ITU-T
standards.
The S1221 is divided into four transmitter
channels and four receiver channels.
The sequence of operations is as follows for
each Channel:
• Serial data input
• Serial Data and recovered clock outputs
Internal clocking and control functions are
transparent to the user.
AMCC Suggested Interface Devices
AMCC S4805 (DANUBE)
SONET/SDH Mapper STS-48/STM-16,
4 x STS-12/STM, 4 x STS-3/STM-1
AMCC S4806 (OHIO)
OC-48/4 x OC-12 SONET/SDH Framer
and channelized ATM/POS Mapper
AMCC S1208 (EVROS)
STS-12/STM-4 DS3/E3/DS1 E1/VT/
TU SONET/SDH Mapper
Agilent
HFBR-5908E
SFF Optical Transceiver
Sumitomo
SCP6802-GL
SCM6005
SFP & SFF
Optical Transceiver
Finisar
FTRJ1322P1xTR
SFP Optical Transceiver
OCP
TRPN03 & TRPN12
SFP Optical Transceiver
JDS Uniphase
CT2-P
SFP Optical Transceiver
Features
• Complies with Bellcore and ITU-T specifica-
tions for jitter tolerance, jitter transfer, and jit-
ter generation
• On-chip high-frequency PLLs for clock gener-
ation and clock recovery
• Supports Data Rates of 155.52 Mbps (OC-3)
and 622.08 Mbps (OC-12)
• LVDS or LVPECL differential serial interface
• Internal termination of the optic’s LVPECL
driver renders a seamless power saving con-
nection
• Typical 320 mW power in LVDS I/O mode
• Directly compatible with 2.5 V or 3.3 V LVDS,
3.3 V LVPECL (DC and AC)
• 196 PBGA Package,15x15 mm2 with Green/
RoHS compliant lead free option
• CMOS 0.13 micron technology
• 1.2 V and 3.3 V/2.5 V Power supply
• Receiver lock detect output for each channel
• Continued on next page...
• Signal detect input on each channel
• Selectable reference frequencies of 19.44,
77.76 or 155.52 MHz
• Quad configuration, mixed Mode OC-3/OC-12
• Independent power down of unused channels
• Drop-in-replacement for S1212
Applications
• SONET/SDH OC-3/OC-12
• SONET/SDH modules
• SONET/SDH test equipment
• ATM over SONET/SDH
•Section repeaters
• Add Drop Multiplexers (ADM)
• Broad-band cross-connects
• Fiber optic terminators
• Fiber optic test equipment
S1220
SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
System Block Diagram with the S1220
Framer
With integrated
SERDES
Or
ASIC
S1220
S1220
Framers
With Integrated
SERDES
Or
ASIC
ORX
OTX
OTX
ORX
ORX
OTX
OTX
ORX
ORX
OTX
OTX
ORX
ORX
OTX
OTX
ORX
DATA
DATA
DATA
DATA
DATA
DATA
DATA
DATA
CDR
DATA
CDR
DATA
CDR
DATA
CDR
DATA
CDR
DATA
CDR
DATA
CDR
DATA
CDR
DATA
CDR
CLOCK
CDR
CLOCK
CDR
CLOCK
CDR
CLOCK
CDR
CLOCK
CDR
CLOCK
CDR
CLOCK
CDR
CLOCK
MII port
MII port
FPGA
FPGA


Similar Part No. - CS1220

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS1221 AMCC-CS1221 Datasheet
116Kb / 2P
OC-3/12 SONET/SDH 8-bit Quad Transceiver
More results

Similar Description - CS1220

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89426 MICREL-SY89426 Datasheet
90Kb / 6P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
List of Unclassifed Man...
SI5010 ETC-SI5010 Datasheet
287Kb / 16P
OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5013 ETC1-SI5013 Datasheet
153Kb / 24P
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Applied Micro Circuits ...
CS1221 AMCC-CS1221 Datasheet
116Kb / 2P
OC-3/12 SONET/SDH 8-bit Quad Transceiver
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
CS3455 AMCC-CS3455 Datasheet
89Kb / 2P
SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
logo
Silicon Laboratories
SI5010 SILABS-SI5010 Datasheet
276Kb / 20P
OC-12/3, STM-4/1 SONET/SDH CLOCK AND DATA RECOVERY IC
SI5013 SILABS-SI5013 Datasheet
400Kb / 26P
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
logo
Micrel Semiconductor
SY89426 MICREL-SY89426_05 Datasheet
78Kb / 7P
SONET OC-12/OC-3 CLOCK SYNTHESIZER
logo
Silicon Laboratories
SI5013-D-GM SILABS-SI5013-D-GM Datasheet
215Kb / 26P
OC-12/3, STM-4/1 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com