Electronic Components Datasheet Search
  English  ▼

X  

BF1101WR Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF1101WR
Description  N-channel dual-gate MOS-FETs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF1101WR Datasheet(HTML) 3 Page - NXP Semiconductors

  BF1101WR Datasheet HTML 1Page - NXP Semiconductors BF1101WR Datasheet HTML 2Page - NXP Semiconductors BF1101WR Datasheet HTML 3Page - NXP Semiconductors BF1101WR Datasheet HTML 4Page - NXP Semiconductors BF1101WR Datasheet HTML 5Page - NXP Semiconductors BF1101WR Datasheet HTML 6Page - NXP Semiconductors BF1101WR Datasheet HTML 7Page - NXP Semiconductors BF1101WR Datasheet HTML 8Page - NXP Semiconductors BF1101WR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1999 May 14
3
Philips Semiconductors
Product specification
N-channel dual-gate MOS-FETs
BF1101; BF1101R; BF1101WR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature of the soldering point of the source lead.
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
7V
ID
drain current
−
30
mA
IG1
gate 1 current
−±10
mA
IG2
gate 2 current
−±10
mA
Ptot
total power dissipation
Ts ≤ 110 °C; note 1
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
+150
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
200
K/W
Fig.4 Power derating curve.
handbook, halfpage
0
50
100
200
250
0
200
MGL615
150
150
100
50
Ptot
(mW)
Ts (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com