Electronic Components Datasheet Search
  English  ▼

X  

CS3455 Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # CS3455
Description  SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

CS3455 Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  CS3455 Datasheet HTML 1Page - Applied Micro Circuits Corporation CS3455 Datasheet HTML 2Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
At a G l a n c e
Product Brief
S3455
SONET/SDH/ATM OC-48 4-Bit Transceiver with CDR
Empowering Intelligent Optical Networks
1
PB2022_v1.01_08/23/05
Description
The S3455 SONET/SDH transceiver
chip is a fully integrated serialization/
deserialization SONET OC-48 (2.488
Gbps – 2.670 Gbps) interface device.
The
S3455
receives
an
OC-48
scrambled Non-Return to Zero (NRZ)
signal and recovers the clock from the
data. The chip performs all necessary
serial-to-parallel
and
parallel-to-serial
functions in conformance with SONET/
SDH transmission standards. The device
is
suitable
for
SONET-based
WDM
applications. Figure 1 shows a typical
network application.
On-chip clock synthesis is performed by
the high-frequency Phase-Locked Loop
(PLL) on the S3455 transceiver chip
allowing the use of a slower external
transmit clock reference. The chip can
be
used
with
a
155.52
MHz
(or
166.62 MHz) reference clock in support
of existing system clocking schemes.
The low jitter LVDS interface is compliant
with the bit-error rate requirements of the
Bellcore
and
ITU-T
standards.
The
S3455 is packaged in a 196 Pin PBGA,
offering
designers
a
small
package
outline.
Overview
The S3455 transceiver implements
SONET/SDH serialization/deserializa-
tion, and transmission functions. The
block diagram in Figure 2 shows the
basic operation of the chip. This chip can
be used to implement the front end of
SONET equipment, which consists pri-
marily of the serial transmit interface and
the serial receive interface. The chip
handles all the functions of these two
elements, including parallel-to-serial and
serial-to-parallel conversion, clock gen-
eration, and system timing. The system
timing circuitry consists of management
of the data stream and clock distribution
throughout the front end. The table
below shows the suggested interface
devices for the S3455.
S34
55
AMCC Suggested Interface Devices
S19202
STS-192 POS/ATM SONET/SDH Mapper
General Features
• CMOS 0.18 micron technology
• Complies with Bellcore and ITU-T
specifications
• On-chip high-frequency PLL for
clock generation and clock
recovery
• Supports OC-48 (2488.32 Mbps)
with FEC
• Reference frequency of 155.52
MHz to 166.62 MHz
• Interface to LVDS and LVCMOS
logic
• 4-bit LVDS data path
• 196 Pin PBGA
• Diagnostic loopback mode
• Supports line timing
• Lock detect
• Signal detect input
• Low jitter LVDS interface
• Internal FIFO to decouple
transmit clocks
• Single 1.8 V supply
• Typical power under 1.0 W
Figure 1. System Block Diagram
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
OTX
ORX
4
4
GANGES
S19202
GANGES
S19202
AMCC
S3455
4
4
AMCC
S3455
4
4
AMCC
S3455
4
4
4
4
4
4
4
4
4
4
AMCC
S3455
AMCC
S3455
AMCC
S3455
AMCC
S3455
AMCC
S3455


Similar Part No. - CS3455

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CS340602 POWEREX-CS340602 Datasheet
73Kb / 4P
Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
CS341202 POWEREX-CS341202 Datasheet
73Kb / 4P
Fast Recovery Single Diode Modules 20 Amperes/600-1200 Volts
logo
List of Unclassifed Man...
CS343026 ETC-CS343026 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS343060 ETC-CS343060 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
CS343075 ETC-CS343075 Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
More results

Similar Description - CS3455

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C955 CYPRESS-CY7C955 Datasheet
466Kb / 78P
AX??ATM-SONET/SDH Transceiver
November 29, 1999
logo
Silicon Laboratories
SI5110 SILABS-SI5110 Datasheet
415Kb / 26P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Exar Corporation
XRT91L81 EXAR-XRT91L81 Datasheet
264Kb / 40P
2.488/2.666GBPS OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Texas Instruments
SLK2511 TI-SLK2511 Datasheet
303Kb / 21P
OC-48/24/12/3 SONET/SDH MULTIRATE TRANSCEIVER
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX Datasheet
214Kb / 15P
SONET OC-48 Transceiver
logo
Applied Micro Circuits ...
CS1220 AMCC-CS1220 Datasheet
108Kb / 2P
SONET/SDH/ATM Quad OC-3/12 with Clock Data Recovery (CDR)
CS3155 AMCC-CS3155 Datasheet
405Kb / 2P
SONET/SDH/ATM OC-48 Transceiver With CDR
logo
Silicon Laboratories
SI5017 SILABS-SI5017 Datasheet
396Kb / 26P
OC-48/STM-16 SONET/SDH CDR IC WITH LIMITING AMPLIFIER
SI5100 SILABS-SI5100 Datasheet
495Kb / 40P
SiPHY??OC-48/STM-16 SONET/SDH TRANSCEIVER
logo
Cypress Semiconductor
CYS25G0101DX CYPRESS-CYS25G0101DX_10 Datasheet
564Kb / 18P
SONET OC-48 Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com