Electronic Components Datasheet Search
  English  ▼

X  

BF620 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BF620
Description  The Small-signal NPN Silicon High Voltage Medium-Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BF620 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BF620 Datasheet HTML 1Page - List of Unclassifed Manufacturers BF620 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PLANETA JSC, 2/13 Fedorovsky Ruchei, Veliky Novgorod, 173004, Russia
Ph./Fax: +7–816–2231736
E-mail: planeta@novgorod.net
© August 2001 Rev 1
http://www.novgorod.net/~planeta
PLANETA
The Small-signal
NPN Silicon High Voltage
Medium-Power Transistor
DESCRIPTION
The BF620 is an NPN silicon epitaxial transistor designed for
application as a video output to drive color CRT, telephony, professional
communication equipment and other high voltage applications.
It has dynamic range and good current characteristic.
This high voltage transistor in 3-Pin mini power plastic package SOT89
offers superior quality and performance at low cost.
FEATURES
Ø
Low Saturation Voltages
V
CE(sat)= 0.6 V
V
BE(sat)= 0.9 V
Ø
High Breakdown Voltages
V
(BR)CBO= 300 V
V
(BR)CEO= 300 V
Ø
Low Collector Current
I
C= 50 mA
Ø
Complementary to BF621
ABSOLUTE MAXIMUM RATINGS (T
A = 25 °C)
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
V
CEO
300
V
Collector – Base Voltage
V
CBO
300
V
Emitter – Base Voltage
V
EBO
5
V
Collector Current
I
C
50
mA
Peak Collector Current
I
CM
100
mA
Collector Dissipation
P
C
1.0
W
Junction Temperature
T
JMAX
150
°C
Operating Junction Temperature Range
T
OPR
-60 to +100
°C
Storage Temperature Range
T
STG
-65 to +150
°C
ORDERING INFORMATION
Device
Marking
Package
Quantity
Packing Style
BF620
DC
SOT-89
5 Kpcs / plastic
bags
In bulk
BF620-T1
DC
SOT-89
1 Kpcs / Reel
Embossed tape 12-mm wide 7''
dia. Pin 2 (Collector) towards the
windung. Perforation on the right.
BF620
SOT89
JEDEC
TO-243
EIAJ
SC-62
GOST
KT-47
Weight:
0.055g
1
2
3
1 – Base
2 – Collector
3 – Emitter
2


Similar Part No. - BF620

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF620 PHILIPS-BF620 Datasheet
40Kb / 8P
NPN high-voltage transistors
1999 Apr 21
logo
Zetex Semiconductors
BF620 ZETEX-BF620 Datasheet
34Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
logo
NXP Semiconductors
BF620 NXP-BF620 Datasheet
131Kb / 10P
NPN high-voltage transistors
2004 Dec 14
logo
Shenzhen Jin Yu Semicon...
BF620 HTSEMI-BF620 Datasheet
552Kb / 2P
TRANSISTOR (NPN)
More results

Similar Description - BF620

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC184L FAIRCHILD-BC184L Datasheet
23Kb / 3P
SILICON NPN SMALL SIGNAL TRANSISTOR
BC184C FAIRCHILD-BC184C Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
BC184L FAIRCHILD-BC184L Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
BC184LC FAIRCHILD-BC184LC Datasheet
25Kb / 3P
Silicon NPN Small Signal Transistor
logo
Central Semiconductor C...
CP316 CENTRAL-CP316 Datasheet
211Kb / 2P
Small Signal Transistor NPN - High Voltage Transistor Chip
CP318V CENTRAL-CP318V Datasheet
126Kb / 2P
Small Signal Transistor NPN - High Voltage Transistor Chip
logo
List of Unclassifed Man...
BF622 ETC1-BF622 Datasheet
34Kb / 2P
The Small-signal NPN Silicon High Voltage Medium-Power Transistor
logo
Motorola, Inc
MRF577T1 MOTOROLA-MRF577T1 Datasheet
112Kb / 12P
The RF Small Signal Line NPN Silicon High-Frequency Transistor
logo
TAITRON Components Inco...
2N5551 TAITRON-2N5551 Datasheet
155Kb / 4P
Small Signal High Voltage Transistor (NPN)
logo
Central Semiconductor C...
CP310 CENTRAL-CP310_10 Datasheet
481Kb / 2P
Small Signal Transistor NPN - High Voltage Transistor Chip
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com