Electronic Components Datasheet Search
  English  ▼

X  

PICO-APL4 Datasheet(PDF) 2 Page - AAEON Technology

Part # PICO-APL4
Description  Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

PICO-APL4 Datasheet(HTML) 2 Page - AAEON Technology

  PICO-APL4 Datasheet HTML 1Page - AAEON Technology PICO-APL4 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-16
Note: All specifications are subject to change without notice.
www.aaeon.com
0
3
PICO-APL4
Block Diagram
Dimension
Unit: mm
Ordering Information
Part Number
CPU
Memory
Thermal
Display
Storage
LAN
USB
RS-232
RS-232/
422/485
Expansion Slot
Power
Temp.
Others
PICO-APL4-A10-F001
Celeron® N3350
(Dual Core)
Onboard
DDR3L 2GB
W/o
Heatspreader
HDMI x 1
SATA 6.0Gb/s x 1
M.2 2280 (B Key) x 1
eMMC 32GB
GbE x 2
USB 3.2 Gen 1 x 2
(Rear)
USB 2.0 x 2 (Internal)
1
1
M.2 2230 (E Key) x 1
+12V
(Phoenix Terminal)
0°C ~ 60°C
DIO 4 bit
PICO-APL4-A10-F002
Celeron® N3350
(Dual Core)
Onboard
DDR3L 4GB
W/o
Heatspreader
HDMI x 1
eDP x 1
SATA 6.0Gb/s x 1
M.2 2280 (B Key) x 1
eMMC 32GB
GbE x 2
USB 3.2 Gen 1 x 2
(Rear)
USB 2.0 x 2 (Internal)
1
1
M.2 2230 (E Key) x 1
+12V
(Phoenix Terminal)
0°C ~ 60°C
DIO 4 bit
PICO-APL4-A10-F003
Pentium® N4200
(Quad Core)
Onboard
DDR3L 4GB
W/o
Heatspreader
HDMI x 1
SATA 6.0Gb/s x 1
M.2 2280 (B Key) x 1
eMMC 32GB
GbE x 2
USB 3.2 Gen 1 x 2
(Rear)
USB 2.0 x 2 (Internal)
1
1
M.2 2230 (E Key) x 1
+12V
(Phoenix Terminal)
0°C ~ 60°C
DIO 4 bit
PICO-APL4-A10-FD04
Celeron® N3350
(Dual Core)
Onboard
DDR3L 2GB
W/o
Heatspreader
HDMI x 1
SATAIII x 1 M.2 2280 (B
Key) x 1 eMMC 32GB
GbE x 2
USB 3.2 Gen 1 x 2
(Rear)
USB 2.0 x 2 (Internal)
1
1
M.2 2230 (E Key) x 1
+12V (DC Jack)
0°C ~ 60°C
DIO 4 bit
eDP
DDR3L on Board
USB 3.0 * 2
USB 3.0* 2
M.2 2230 E Key
PCIe[x1]/USB 2.0
Channel 0
eDP
SATA
USB 2.0* 2
RJ-45
PCIe[x1]
GbE
GbE Ethernet
BIOS
SPI
LPC
COM1,COM2
(COM2 support RS-232/422/485)
HW
Monitor
SATA III*1
Intel®
Apollo Lake
SoC
SIO
DDI Port1
HDMI
BIO
PCIe[x1]*2
USB3.0/2.0
DDI Port0
RJ-45
PCIe[x1]
GbE
GbE Ethernet
USB 2.0* 2
USB2.0 * 2
SATA/USB 2.0
M.2 2280 B key
eMMC 5.0
eMMC
GPIO
SMbus
DIO 4bit
Level
Shi�
Remark: cooler is recommended as the thermal solution.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com