Electronic Components Datasheet Search
  English  ▼

X  

9834 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9834
Description  RS232/422 Low Cap, #24-9pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9834 Datasheet(HTML) 1 Page - Belden Inc.

  9834 Datasheet HTML 1Page - Belden Inc. 9834 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9834
RS232/422 Low Cap, #24-9pr, PE, O/A Foil+Braid, PVC Jkt, CM, 100Ω
Product Description
Computer EIA RS-232/422 Cable, 9-Pair, 24 AWG stranded (7x32) tinned copper conductors, polyethylene insulation, overall Beldfoil® (100% coverage) +
tinned copper braid shield (65% coverage), 24 AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 extended distance applications; RS-422 applications; computer communications; low voltage analog signals (4-20ma, 0-10v, ...); low voltage digital control (24v, …);
line level audio; panel wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
9
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Color Code
Pair(s)
PE -
Polyethylene
0.0155 in
(0.394 mm)
White/Blue Stripe & Blue/White Stripe, White/Orange Stripe & Orange/White Stripe, White/Green Stripe & Green/White Stripe, White/Brown Stripe & Brown/White
Stripe, White/Gray Stripe & Gray/White Stripe, Red/Blue Stripe & Blue/Red Stripe, Red/Orange Stripe & Orange/Red Stripe, Red/Green Stripe & Green/Red Stripe,
Red/Brown Stripe & Brown/Red Stripe
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Braid
Tinned Copper (TC)
65%
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.035 in (0.89 mm) 0.419 in (10.6 mm)
Overall Cable Diameter (Nominal):
0.419 in (10.6 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
24 Ohm/1000ft (79
Ohm/km)
15.5 pF/ft (50.9 pF/m)
27.5 pF/ft (90.2 pF/m)
100 Ohm
66%
1.68 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (UL AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating


Similar Part No. - 9834

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9834 3M-9834 Datasheet
48Kb / 2P
3MTM Single Coated Polyurethane Medical Tape on White Carrier
Aug-2013
9834-NLM0 3M-9834-NLM0 Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
9834-NLMR 3M-9834-NLMR Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
9834-NSM0 3M-9834-NSM0 Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
9834-NSMR 3M-9834-NSMR Datasheet
173Kb / 4P
3M™ Shielded Controlled Impedance (SCI)
2006
More results

Similar Description - 9834

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8102 BELDEN-8102 Datasheet
195Kb / 2P
RS232/422 Low Cap, #24-2pr, FPO, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
9680 BELDEN-9680 Datasheet
197Kb / 2P
RS232/422 Low Cap, #24-3pr, PE, O/A Foil, PVC Jkt, CM, 100Ω
01-20-2023
9683 BELDEN-9683 Datasheet
164Kb / 2P
RS232/422 Low Cap, #24-9pr, PO, O/A Foil, PVC Jkt, CM, 100Ω
05-05-2023
9830 BELDEN-9830 Datasheet
161Kb / 2P
RS232/422 Low Cap, #24-3pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
9831 BELDEN-9831 Datasheet
163Kb / 2P
RS232/422 Low Cap, #24-4pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9832 BELDEN-9832 Datasheet
158Kb / 2P
RS232/422 Low Cap, #24-5pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9833 BELDEN-9833 Datasheet
167Kb / 2P
RS232/422 Low Cap, #24-7pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9835 BELDEN-9835 Datasheet
165Kb / 2P
RS232/422 Low Cap, #24-10pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
9836 BELDEN-9836 Datasheet
208Kb / 2P
RS232/422 Low Cap, #24-12pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
01-20-2023
9839 BELDEN-9839 Datasheet
152Kb / 2P
RS232/422 Low Cap, #24-6pr, PE, O/A FoilBraid, PVC Jkt, CM, 100Ω
05-05-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com