Electronic Components Datasheet Search
  English  ▼

X  

AR6MXQ-DEV Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # AR6MXQ-DEV
Description  NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

AR6MXQ-DEV Datasheet(HTML) 1 Page - BCM Advanced Research.

  AR6MXQ-DEV Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
www.bcmcom.com | BCMSales@bcmcom.com
Latest Update:
All specifications are subject to change without notice
ARM Development Kit
2/17/2016
Ordering Info
AR6MXQ-DEV-LX AR6MXQ Quad Core ARM Motherboard with Linux OS
AR6MXQ-DEV-AN AR6MXQ Quad Core ARM Motherboard with Android OS
Mechanical & Environment
Power Requirement 9V ~ 24V DC Input
Operating Temp.
0 ~ 50°C
Storage Temp.
-20 ~ 80°C
Operating Humidity 5%~90% Relative Humidity, Non-condensing
Dimensions
5.7” x 4”
Weight
0.44lbs
System
CPU
NXP i.MX6 Cortex A9 Quad Core 1.0 GHz
System Memory
1 GB onboard DDR3 Memory
Touch Screen
Interface
Resistive Touch Controller Onboard
Storage
4 GB eMMC onboard
Blue Tooth & WiFi
Optional Through Mini-PCIe Module
Audio
Wolfson® WM8960 Ultra Low Power Audio Codec
Ethernet
Micrel® KSZ9031 Gigabit Ethernet
Expansion
1 x SD Card Slot , 1 x Mini PCIe
OS Support
Android
Ver. 4.0.4
Linux
Kernel Version 3.0.35_4.1.0, Ubuntu 12.04
Rear Panel I/O
Audio Interface
1 x Line-Out
USB
2 x USB Connectors
COM (Serial)
1 x RS-232
HDMI
1 x HDMI Connector
LAN
1 x RJ-45 Connector
DC-in
1 x Barrel Type Connector
Onboard I/O
LVDS
2 x LVDS Header
Image Capture
1 x MIPI-CSI Connector, 1 x MIPI-DSI Connector
USB
1 x USB Headers (2 Ports)
COM (Serial)
1 x RS-232 and 1 x TTL
MIO
1 x Front Panel, 1 x SATA and 1 x SATA Power Connector
NXP i.MX6 ARM Cortex A9 Quad Core
Development Kit
AR6MXQ-DEV
■ NXP i.MX6 Quad Core ARM Motherboard
■ 1 GB onboard DDR3 Memory, 4 GB eMMC onboard
■ Dual Display: 1 x HDMI, 2 x 18/24-bits LVDS
■ 1 x MIPI-CSI, 1 x MIPI-DSI
■ 4 x USB
■ SD Card Slot (Bootable)
■ 12V Power Adaptor
■ Resistive touch controller onboard
■ Kit includes a null-modem serial cable, a type 6 SD card
preloaded with Android or Linux OS
Development Kit Includes
Qty
Description
1
1
AR6MXQ ARM Board with Pre-load Android or Linux Image
2
1
DB9 cable for COM2 (RS-232, 10P to DB9 female)
3
1
DB9 cable for COM3 (RS-485, JST 4P to DB9 female)
4
1
12V / 3A Power Adaptor w/ DC Jack
5
1
USB OTG Cable, Type A male to Micro male
6
1
USB Cable for USB3 or USB4 (5P to Type A female)
7
1
8 GB SD Card MLC Cell Industrial Grade
8
1
Null-modem Serial Cable
1
2
3
4
5
6
7
8


Similar Part No. - AR6MXQ-DEV

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
AR6MXQ-DEV-LX BCM-AR6MXQ-DEV-LX Datasheet
671Kb / 1P
Freescale® i.MX6 Cortex A9 Quad Core Full Feature ARM Motherboard (SBC)
More results

Similar Description - AR6MXQ-DEV

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
UBC-220 ADVANTECH-UBC-220_16 Datasheet
584Kb / 2P
NXP ARM Cortex-A9 i.MX6 2.5' IoT Gateway
UBC-200 ADVANTECH-UBC-200_16 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
RSB-4411 ADVANTECH-RSB-4411 Datasheet
726Kb / 2P
NXP ARM Cortex-A9 i.MX6 3.5" SBC
ROM-5420 ADVANTECH-ROM-5420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 SMARC v1.1 Module
21-Jun-2022
ROM-7420 ADVANTECH-ROM-7420 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Qseven Module
21-Jun-2022
ROM-7421 ADVANTECH-ROM-7421 Datasheet
3Mb / 4P
NXP ARM Cortex-A9 i.MX6 Qseven 2.0 Module
21-Jun-2022
RSB-3430 ADVANTECH-RSB-3430 Datasheet
692Kb / 2P
NXP Arm® Cortex®-A9 i.MX6 2.5" SBC
29-Mar-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
logo
BCM Advanced Research.
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
AR6MXS-DEV BCM-AR6MXS-DEV Datasheet
257Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo Core Development Kit
2/17/2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com