Electronic Components Datasheet Search
  English  ▼

X  

AR8MXMQ Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # AR8MXMQ
Description  NXP i.MX 8M ARM Motherboard supports Cortex A53/ Cortex M4, Quad Core Processor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

AR8MXMQ Datasheet(HTML) 1 Page - BCM Advanced Research.

  AR8MXMQ Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update: 2021/06/09
NXP i.MX 8M ARM Motherboard supports Cortex A53/
Cortex M4, Quad Core Processor
• NXPi.MX8MCortexA53/CortexM4, QuadCoreProcessorup
to 1.5 GHz
• 2GBOnboardDDR4Memory(expandableupto4GBMax)
• 16GBeMMCOnboard
• 2xM.2forWi-Fi/BT/3G/4G
• 1xSIMCardSocket,1xMicroSDCardSlot
• 1xMIPI-DSI,2xMIPI-CSI,1xLVDS,1xHDMI2.0
• 2xUSB3.0TypeA,1xUSBOTGTypeC
• I²C,OptionalI²S
• 12V~24VDCInput
Audio
Chipset
Wolfson® WM8960 Ultra Low Power Audio Codec
Amplifier
TI® TPA2008D2 3-W Stereo Class-D Audio Amplifier
Ethernet
LAN 1
Micrel® KSZ9031 Gigabit Ethernet
LAN 2
Realtek® RTL8119G PCIe Gigabit Ethernet
Mechanical & Environment
Power
Requirement
12V ~ 24V DC Input
Operating Temp.
0° ~ 60°C (32° ~ 140°F)
Storage Temp.
-20° ~ 80°C (-4° ~ 176°F)
Operating
Humidity
5% ~ 90% Relative Humidity, Non-condensing
Dimensions
6.3” x 5.125” (160mm x 130mm)
Certification
Information
CE, FCC Class B
Weight
7 oz
System
CPU
NXP i.MX 8M Cortex A53/ Cortex M4, Quad Core Processor up to 1.5
GHz
System Memory
2GB Onboard DDR4 Memory (expandable up to 4GB Max)
Expansion
1 x 2230 M.2 E Key for Wi-Fi/BT (PCIe & USB Channel)
1 x 3042 M.2 B Key for 3G/4G Module (USB Only)
1 x SIM Socket for 3G/4G Module
Storage
1 x Micro SD Card Slot
16GB eMMC Onboard
Supported OS
Android 9
Linux Yocto 3.0 (Zeus), 5.4.70 kernel
Linux Ubuntu 18.04, 4.14.98 kernel
Display
Chipset
Vivante® GC7000Lite Integrated Graphic
Interface
1 x LVDS Converts from MIPI-DSI
1 x HDMI 2.0 Output, 4K@60 capable
LVDS
TI® SN65DSI84 MIPI-DSI to LVDS Converter
External I/O
Display
1 x HDMI
USB
2 x USB 3.0 Type A Connectors
1 x USB 3.0 OTG Type-C connector
COM
1 x RS-232 DB9 COM port
LAN
2 x RJ-45
Audio
1 x Line-out
DC
1 x Barrel Type Connector
Internal I/O
Display
2 x MIPI-CSI Header
1 x MIPI-DSI Header
1 x LVDS Header
USB
1 x USB 2.0 Header (1 Port) Shared with M.2 B Key
Audio
1 x Mic-in
2 x Speaker Header (Through Audio AMP)
AR8MXMQ
I²C
eMMC
Processor
Digital I/O
Micro SD Card Slot
2 x MIPI-CSI
1 x MIPI-DSI
COM Port (RS-232)
Line-out
DC-in
12V-24V
2 x LAN
LVDS
SIM Card
M.2
SPI
Front Panel
M.2
Mic-in
I²S (Optional)
2 x USB 3.0
USB 3.0 Type-C
HDMI


Similar Part No. - AR8MXMQ

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
AR8MXMQ-DEV BCM-AR8MXMQ-DEV Datasheet
251Kb / 1P
AR8MXMQ Development Kit with 10in Touch Panel, Android or Linux OS
2021/02/03
AR8MXMQ-DEV-AN BCM-AR8MXMQ-DEV-AN Datasheet
251Kb / 1P
AR8MXMQ Development Kit with 10in Touch Panel, Android or Linux OS
2021/02/03
AR8MXMQ-DEV-LX BCM-AR8MXMQ-DEV-LX Datasheet
251Kb / 1P
AR8MXMQ Development Kit with 10in Touch Panel, Android or Linux OS
2021/02/03
More results

Similar Description - AR8MXMQ

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PWS-472 ADVANTECH-PWS-472 Datasheet
1Mb / 4P
5 Industrial-Grade Handheld Terminal with ARM짰 Cortex??A53 Quad-Core Processor
20-Dec-2018
RSB-3730 ADVANTECH-RSB-3730 Datasheet
1Mb / 4P
NXP iMX 8M Mini Cortex-A53 2.5 SBC
18-Jan-2022
RSB-6410 ADVANTECH-RSB-6410 Datasheet
3Mb / 4P
NXP ARM® Cortex®-A9 i.MX6 Dual/Quad Mini-ITX Motherboard
7-Jul-2021
logo
Infineon Technologies A...
XMC4100 INFINEON-XMC4100_V01 Datasheet
2Mb / 93P
ARM® Cortex®-M4 32-bit processor core
V1.4 2018-09
logo
BCM Advanced Research.
AR6MXQ-DEV BCM-AR6MXQ-DEV Datasheet
141Kb / 1P
NXP i.MX6 ARM Cortex A9 Quad Core Development Kit
2/17/2016
AR6MXS BCM-AR6MXS Datasheet
660Kb / 1P
NXP i.MX6 Cortex A9 Solo Core ARM Motherboard (SBC)
AR6MXS-DEV BCM-AR6MXS-DEV Datasheet
257Kb / 1P
NXP i.MX6 ARM Cortex A9 Solo Core Development Kit
2/17/2016
logo
AAEON Technology
SRT-IMX8P AAEON-SRT-IMX8P Datasheet
734Kb / 2P
Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/05
SRG-IMX8P AAEON-SRG-IMX8P Datasheet
702Kb / 2P
Standard IoT Gateway with ARM i.MX8M Plus Quad-Core Cortex-A53 1.6GHz Processor
2023/01/11
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com