Electronic Components Datasheet Search
  English  ▼

X  

UVC Datasheet(PDF) 1 Page - MTRONPTI

Part # UVC
Description  5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MTRONPTI [MTRONPTI]
Direct Link  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

UVC Datasheet(HTML) 1 Page - MTRONPTI

  UVC Datasheet HTML 1Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MtronPTI reserves the right to make changes to the product(s) and service(s) described herein without notice. No liability is assumed as a result of their use or application.
Please see www.mtronpti.com for our complete offering and detailed datasheets. Contact us for your application specific requirements: MtronPTI 1-800-762-8800.
UVC Series
5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
Pad Connections
Revision: 8-22-08
DENOTES PIN 1
Pad Function
1
Enable/Disable for “R” Output Type
or
N/C for “Z” Output Type
2
N/C
3
Ground
4
Output Q
5
Complementary Output Q
6
+ Vdd


Similar Part No. - UVC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UVC NICHICON-UVC Datasheet
649Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Roithner LaserTechnik G...
UVC-265 ROITHNER-UVC-265 Datasheet
398Kb / 3P
UVC-265 is an AlGaN based, narrow bandwidth, 265nm LED available in different configurations
logo
Unity Opto Technology
UVC-5623 UOT-UVC-5623 Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623E UOT-UVC-5623E Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVC-5623G UOT-UVC-5623G Datasheet
72Kb / 5P
0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVC

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
UVCJ MTRONPTI-UVCJ Datasheet
283Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
UVV MTRONPTI-UVV Datasheet
284Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVVJ MTRONPTI-UVVJ Datasheet
288Kb / 1P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
M210X MTRONPTI-M210X Datasheet
347Kb / 2P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M2001 MTRONPTI-M2001 Datasheet
310Kb / 2P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
M210X MTRONPTI-M210X_07 Datasheet
367Kb / 3P
5x7 mm, 3.3/2.5/1.8 Volt, LVPECL/LVDS/CML, Clock Oscillator
M2001_0611 MTRONPTI-M2001_0611 Datasheet
350Kb / 3P
5x7 mm, 3.3 Volt, CMOS/LVPECL/LVDS, Clock Oscillator
UVCJ MTRONPTI-UVCJ_08 Datasheet
452Kb / 2P
5x7 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillators
UVV MTRONPTI-UVV_07 Datasheet
493Kb / 2P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
UVVJ MTRONPTI-UVVJ_07 Datasheet
501Kb / 2P
5x7 mm, 3.3 Volt, LVPECL/LVDS, VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com