Electronic Components Datasheet Search
  English  ▼

X  

2SD1693 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1693
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1693 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1693 Datasheet HTML 1Page - Renesas Technology Corp 2SD1693 Datasheet HTML 2Page - Renesas Technology Corp 2SD1693 Datasheet HTML 3Page - Renesas Technology Corp 2SD1693 Datasheet HTML 4Page - Renesas Technology Corp 2SD1693 Datasheet HTML 5Page - Renesas Technology Corp 2SD1693 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
'RFXPHQW 1R '(-9'6 VW HGLWLRQ
'DWH 3XEOLVKHG $SULO  1 &3 .
3ULQWHG LQ -DSDQ
6,/,&21 32:(5 75$16,6725
6'
1316,/,&21(3,7$;,$/75$16,6725
'$5/,1*721&211(&7,21
)25/2:)5(48(1&< 32:(5$03/,),(56
'$7$ 6+((7
2002
FEATURES
• On-chip Zener diode
• High DC current gain due to Darlington connection
• Large current capacity and low VCE(sat)
• Large power dissipation TO-126 type power transistor
• Complementary transistor: 2SB1150
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
60
±10
V
Collector to emitter voltage
VCEO
60
±10
V
Emitter to base voltage
VEBO
8.0
V
Collector current (DC)
IC(DC)
±3.0
A
Collector current (pulse)
IC(pulse)*
±5.0
A
Total power dissipation
PT (TA = 25
°C)
1.3
W
Total power dissipation
PT (TC = 25
°C)
15
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
*PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
(OHFWURGH&RQQHFWLRQ
ELECTRICAL CHARACTERISTICS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to base voltage
VCBO
IC = 1.0 mA, IE = 0
506070
V
Collector to emitter voltage
VCEO
IC = 10 mA, RBE =
∞
50
60
70
V
Collector to emitter voltage
VCEO(SUS)
IC = 3.0 A, IB = 3.0 mA, L = 1.0 mH
50
V
Collector cutoff current
ICBO
VCB = 40 V, IE = 0
10
µA
Collector cutoff current
ICEO
VCE = 40 V, RBE =
∞
1.0
mA
DC current gain
hFE1**
VCE = 2.0 V, IC = 1.5 A
2,000
20,000
DC current gain
hFE2**
VCE = 2.0 V, IC = 3.0 A
1,000
Collector saturation voltage
VCE(sat)**
IC = 1.5 A, IB = 1.5 mA
0.9
1.2
V
Base saturation voltage
VBE(sat)**
IC = 1.5 A, IB = 1.5 mA
1.5
2.0
V
Turn-on time
ton
0.5
µs
Storage time
tstg
2.0
µs
Fall time
tf
IC = 1.5 A
IB1 =
−IB2 = 1.5 mA
RL = 27
Ω, VCC ≅ 40 V
1.0
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2%/per pulsed
hFE CLASSIFICATION
Marking
M
L
K
hFE1
2,000 to 5,000
4,000 to 12,000
3,000 to 20,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com