Electronic Components Datasheet Search
  English  ▼

X  

GTL2008 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2008
Description  12-bit GTL to LVTTL translator with power good control and high-impedance LVTTL and GTL outputs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2008 Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2008 Datasheet HTML 1Page - NXP Semiconductors GTL2008 Datasheet HTML 2Page - NXP Semiconductors GTL2008 Datasheet HTML 3Page - NXP Semiconductors GTL2008 Datasheet HTML 4Page - NXP Semiconductors GTL2008 Datasheet HTML 5Page - NXP Semiconductors GTL2008 Datasheet HTML 6Page - NXP Semiconductors GTL2008 Datasheet HTML 7Page - NXP Semiconductors GTL2008 Datasheet HTML 8Page - NXP Semiconductors GTL2008 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
GTL2008_GTL2107_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 26 September 2006
2 of 20
Philips Semiconductors
GTL2008; GTL2107
GTL translator with power good control and high-impedance outputs
I Series termination on the LVTTL outputs of 30 Ω
I ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115, and 1000 V CDM per JESD22-C101
I Latch-up testing is done to JEDEC Standard JESD78 Class II, Level A which exceeds
500 mA
I Package offered: TSSOP28
3.
Quick reference data
4.
Ordering information
The GTL2107 is the Intel designation for the GTL2008 and is identical to the GTL2008
except for the type number and the topside markings.
Table 1.
Quick reference data
Tamb =25 °C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Cio
input/output capacitance
A port; VO = 3.0 V or 0 V
-
2.5
3.5
pF
B port; VO =VTT or 0 V
-
1.5
2.5
pF
Vref = 0.73 V; VTT = 1.1 V
tPLH
LOW-to-HIGH
propagation delay
nA to nBI; see Figure 4
14
8
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
213
18
ns
tPHL
HIGH-to-LOW
propagation delay
nA to nBI; see Figure 4
2
5.5
10
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
2
4
10
ns
Vref = 0.76 V; VTT = 1.2 V
tPLH
LOW-to-HIGH
propagation delay
nA to nBI; see Figure 4
14
8
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
213
18
ns
tPHL
HIGH-to-LOW
propagation delay
nA to nBI; see Figure 4
2
5.5
10
ns
nBI to nA or nAO (open-drain outputs);
see Figure 14
2
4
10
ns
Table 2.
Ordering information
Tamb = −40 °C to +85 °C
Type
number
Topside
mark
Package
Name
Description
Version
GTL2008PW GTL2008
TSSOP28
plastic thin shrink small outline package; 28 leads; body width 4.4 mm
SOT361-1
GTL2107PW GTL2107
TSSOP28
plastic thin shrink small outline package; 28 leads; body width 4.4 mm
SOT361-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com