Electronic Components Datasheet Search
  English  ▼

X  

HMC536LP2 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC536LP2
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC536LP2 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC536LP2 Datasheet HTML 1Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 2Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 3Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 4Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 5Page - Hittite Microwave Corporation HMC536LP2 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 273
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1
A
See truth and control voltage tables.
3
B
See truth and control voltage tables.
2, 4, 6
RFC, RF1, RF2
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
5GND
Package bottom has exposed metal paddle that
must also be connected to RF/DC ground.
HMC536LP2 / 536LP2E
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6.0 GHz
v00.0606



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com