Electronic Components Datasheet Search
  English  ▼

X  

ECM-APL Datasheet(PDF) 2 Page - BCM Advanced Research.

Part # ECM-APL
Description  Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

ECM-APL Datasheet(HTML) 2 Page - BCM Advanced Research.

  ECM-APL Datasheet HTML 1Page - BCM Advanced Research. ECM-APL Datasheet HTML 2Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards
& embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update:
Intel® Pentium®/Celeron®/Atom® SoC Processor 3.5” Micro Module SBC
2021/02/23
Ordering Info
ECM-APL-N4200
3.5" Board Intel® ApolloLake N4200 1.1GHz Quad Core
ECM-APL-N3350
3.5" Board Intel® ApolloLake N3350 1.1GHz Dual Core
Mechanical and Environment
Power
Requirement
Typical 12/24Vdc (+12V ~ +26V )
Power Type
AT/ATX
Operating
Temperature
0°C ~ 60°C (32°F ~ 140°F) (For Intel® Pentium® N4200/Cel-
eron® N3350 Series)
-40°C ~ 85°C (-40°F ~ 185°F) (For Intel® Atom® E3900 Series)
(Optional for Wide Temperature Model)
Storage
Temperature
-40°C ~ 75°C (-40°F ~ 167°F)
Operating
Humidity
40°C @ 95% Relative Humidity, Non-condensing
Form Factor
3.5" Single Board Computer (SBC)
Dimensions
5.7" x 4" (146mm x 101mm)
Weight
0.44 lbs (0.2kg)
Certification
Information
CE
FCC Class B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com