Electronic Components Datasheet Search
  English  ▼

X  

EPC-APL Datasheet(PDF) 1 Page - BCM Advanced Research.

Part # EPC-APL
Description  Intel® Pentium® N4200/ Celeron® N3350 Processor Fanless Tiny System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCM [BCM Advanced Research.]
Direct Link  https://www.bcmcom.com/
Logo BCM - BCM Advanced Research.

EPC-APL Datasheet(HTML) 1 Page - BCM Advanced Research.

  EPC-APL Datasheet HTML 1Page - BCM Advanced Research.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
Specifications
BCM Advanced Research
www.bcmcom.com
11 Chrysler, Irvine, CA 92618 USA
An industry leader in industrial motherboards &
embedded computing
BCMSales@bcmcom.com
(949) 470-1888
* All product specifications and images are subject to change without notice. Last update:
Ordering Info
EPC-APL-4200N
Intel® Pentium® Processor N4200 Fanless Tiny System
EPC-APL-3350N
Intel® Pentium® Processor N3350 Fanless Tiny System
Mechanical & Environment
Power
Requirement
Power Input: Typical 12/24 Vdc ( +12~ 26V )
Power Type
AT/ATX (ATX is default setting)
Adapter
Input: 100 ~ 240Vdc/ 50 ~ 60Hz
Output: 12V/5A AC-DC 60W Adapter
ACPI
Single Power ATX Support S0, S3, S4, S5
ACPI 5.0 Compliant
Operating Temp.
With extended temperature peripherals: -10°C ~ 50°C (14°F ~
122°F) with 1m/air flow
With 2.5” hard drive: 0°C ~ 40°C (32°F ~ 113°F) with 1m/s air flow
Storage Temp.
-40°C ~ 75°C (-40°F ~ 167°F)
Operating
Humidity
0% ~ 90% Relative Humidity, Non-condensing
Weight
2.65lbs(1.2KG)
Construction
Aluminum + Metal
Mounting Kit
Stand (Default)
VESA Mount kit (Factory Option)
Din Rail kit (Factory Option)
Dimension
177mm x 123mm x 43.5 mm (7” x 4.8” x 1.7”)
Vibration Protec-
tion
With SSD: 5Grms, IEC 60068-2-64, Random, 10 ~ 500Hz,
30min/3 Axis
Shock Protection
With SDD : 50G, IEC 60068-2-27, Half Sine, 11ms, 3 Axis, 6 Faces
Drop
ISTA 2A, IEC-60068-2-32 Test : Ed
System
CPU
Intel® Pentium® Processor N4200 (2M Cache, up to 2.5 GHz)
Intel® Celeron® Processor N3350 (2M Cache, up to 2.4 GHz)
System Memory
1 x 204-pin SODIMM Socket Up to 8GB DDR3L 1866MHz SDRAM
Audio
Realtek ALC892
Ethernet
LAN1: Intel® I211AT Gigabit Ethernet Controller
LAN2: Intel® I211AT Gigabit Ethernet Controller
BIOS
AMI BIOS, 128Mbit SPI Flash ROM
Watchdog Timer
H/W Reset, 1sec. ~ 65535sec.
H/W Status
Monitor
Monitoring System Temperature and Voltage with Auto Throt-
tling Control
Expansion
1 x Full Size Mini PCIe (mSATA)
1 x Half Size Mini PCIe
Storage
1 x 2.5” Drive Bay (7mm)
1 x mSATA
OS Information
Win 10, Linux
External I/O
Display
2 x HDMI, 1 x VGA
USB
4 x USB 3.0
COM Port
1 x RS-232/422/485(Jumper)
Antenna
2 x Antenna Mounting with Dust Protection Cover
LED Indicator
1 x Power on/off LED on front side
1 x Storage Access LED on front side
Display
Chipset
Processor Graphics
Intel® HD Graphics 500 (N3350)
Intel® HD Graphics 505 (N4200)
Resolution
1 x VGA : Max. Resolution 1920 x 1200 @ 60Hz
2 x HDMI : Max. Resolution 3840x2160@30Hz (HDMI 1.4b)
07/25/2018
EPC-APL
• Intel®Pentium®/Celeron®Processor
• One204-pinSODIMMSocketUpto8GBDDR3L1866MHzSDRAM
• RichI/O,1VGA,1COM,2HDMI,2LAN,4USB3.0,2AntennaMounting
• FanlessOperatingfrom-10°C~50°C
• WideRangeDCPowerInputfrom12V~26V
• CompactSize,177mmx123mmx43.5mm
• OptionalVESA/DIN-RailKit
• TPM2.0(FactoryOption)
Intel® Pentium® N4200/ Celeron® N3350 Processor
Fanless Tiny System
Power Button
2 x LAN
Antenna Mounting with
Dust Protection Cover
Antenna
Mounting with
Dust Protection
Cover
COM
VGA
2 x HDMI
4 x USB


Similar Part No. - EPC-APL

ManufacturerPart #DatasheetDescription
logo
ETA-USA
EPC-05SC28-A ETA-USA-EPC-05SC28-A Datasheet
239Kb / 3P
50, 75, 100, 150, 175 WATT
EPC-05SC48-A ETA-USA-EPC-05SC48-A Datasheet
165Kb / 3P
30, 50, 75,100,150, 200 WATT
EPC-12SC48- ETA-USA-EPC-12SC48- Datasheet
123Kb / 3P
30, 50, 75,100,150, 200,240 WATT
logo
EPIGAP optoelectronic G...
EPC-1300-0.22-1 EPIGAP-EPC-1300-0.22-1 Datasheet
128Kb / 2P
Photodiode-Chip
EPC-1300-0.22-2 EPIGAP-EPC-1300-0.22-2 Datasheet
129Kb / 2P
Photodiode-Chip
More results

Similar Description - EPC-APL

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-APL6 AAEON-GENE-APL6 Datasheet
606Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/30
GENE-APL7 AAEON-GENE-APL7 Datasheet
527Kb / 2P
3.5” SubCompact Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/12/27
GENESYS-APL7 AAEON-GENESYS-APL7 Datasheet
418Kb / 2P
3.5" SubCompact Board System with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
PICO-APL4-SEMI AAEON-PICO-APL4-SEMI Datasheet
483Kb / 2P
PICO-SEMI TurnKit with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
2022/10/04
PICO-APL4 AAEON-PICO-APL4 Datasheet
549Kb / 2P
Pico-ITX Board with Intel® Atom™/ Pentium® N4200/ Celeron® N3350 Processor SoC
2022/09/13
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UP-EDGE-APL03C2F-A10-0216 AAEON-UP-EDGE-APL03C2F-A10-0216 Datasheet
363Kb / 2P
UP 4000 System with Intel® Pentium® N4200/ Celeron® N3350/ Atom E3950 ™ Processor SoC
2022/09/07
UPN-APLC2F-A10-0232 AAEON-UPN-APLC2F-A10-0232 Datasheet
694Kb / 2P
Developer Board with Intel® Pentium® N4200/ Celeron® N3350/ Atom™ E3950 Processor SoC
UPS-APLC2F-A20-0232 AAEON-UPS-APLC2F-A20-0232 Datasheet
611Kb / 2P
UP Squared Developer Board with Intel® Pentium® N4200/ Celeron® N3350 Processor SoC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com