Electronic Components Datasheet Search
  English  ▼

X  

762 Datasheet(PDF) 2 Page - Belden Inc.

Part # 762
Description  DeviceNet Power Supply Cable, 7/8" Power Single-Ended Cordset: Female straight, 3-pin(2PE), black body, 63 V, 12 A; PUR black cable, 1.00 mm²
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

762 Datasheet(HTML) 2 Page - Belden Inc.

  762 Datasheet HTML 1Page - Belden Inc. 762 Datasheet HTML 2Page - Belden Inc. 762 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Number of Pins:
3
Coding:
A
Shielding:
Unshielded
Attachment Type:
Coupling Nut [internal threaded]
Rated Voltage:
63 V
Rated Impulse Voltage:
0.8 kV
Operating Voltage:
≤ 50V AC / 60V DC
Rated Current*:
12 A
Contact Resistance:
10 mOhm
Insulation Resistance:
10^9 Ohm
Mating Cycles:
max. 50
Ambient Temperature (Operation)*:
-40 °C to +90 °C
Pollution Degree:
3 acc. to DIN EN 60664-1 (VDE 0110-1)
Materials
Contact Base Material:
CuZn
Contact Plating:
Ag/Au
Contact Bearer Material:
TPU
Contact Bearer Color:
Black
Molded Body Material:
TPU
Molded Body Color:
Black
Housing Material:
TPU
Attachment Material:
PA
Cable Data
Cable Number:
203
Conductor Size:
1 mm²
Number of Wires:
3
Minimal Bending Radius (Fixed Inst):
˃ 5 x D
Minimal Bending Radius (Flexible Inst):
˃ 10 x D
Cable Jacket Material:
PUR
Cable Jacket Color:
Black
Cable Diameter D:
Ø 6.5 mm
Wire Insulation Material:
PVC
Insulated Wire Diameter:
Ø 2.2 mm
Ambient Temperature (Fixed Installation): -40 °C to +90°C
Ambient Temperature (Flex Installation):
-5 °C to +90°C
Ambient Temperature (Drag Chain Inst):
-5 °C to +60°C
Flammability Class (Cable Jacket):
VDE 0482-265-2-1, EN 50265-2-1, IEC 60332-1
Cable Characteristics:
Continuous Flex cable; Resistances against, Oil, Grease ,Coolant, Tear, Vibration, UV, and Abrasion
Safety & Environmental Compliance
RoHS Compliant:
Yes
Resistances
Halogenfree:
Yes
Oil Resistance:
Yes
Notes
Note Derating:
Notice derating
History
Update and Revision:
Revision Number: 0.47 Revision Date: 03-22-2023
Variants
Item #
Item Description
Cable Length
9997
0905 203 301/20 M
762
0905 203 301/0,1 M 0.1 m
13531 0905 203 301/1 M
1 m



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com