Electronic Components Datasheet Search
  English  ▼

X  

9879 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9879
Description  Audio, Control & Instrument, #20-15pr, PO, Indiv. Foil, PVC Jkt, CM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9879 Datasheet(HTML) 1 Page - Belden Inc.

  9879 Datasheet HTML 1Page - Belden Inc. 9879 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9879
Audio, Control & Instrument, #20-15pr, PO, Indiv. Foil, PVC Jkt, CM
Product Description
Audio, Control & Instrument Cable, 20 AWG stranded (7x28) tinned copper conductors, polypropylene insulation, 15 twisted pairs, individually shielded with
Beldfoil® (100% coverage), 22 AWG stranded tinned copper drain wire, overall PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio; Computer Communication; Panel Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
15
20 AWG 7x28
TC - Tinned Copper
Insulation
Element
Material
Nom.
Thickness
Color Code
Pair(s)
PP -
Polypropylene
0.015 in (0.38
mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown, Black & Orange, Red & White, Red & Green, Red & Blue, Red &
Yellow, Red & Brown, Red & Orange, Green & White, Green & Blue
Inner Shield
Element Shield Type
Material
Coverage
Drainwire Type
Notes
Pair(s)
Tape
Bi-Laminate (Alum+Poly) 100%
22 AWG (19x34) TC each pair
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.052 in (1.3 mm) 0.689 in (17.5 mm)
Overall Cable Diameter (Nominal):
0.689 in (17.5 mm)
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR
Nom. Capacitance
Cond-to-Cond
Nom. Capacitance Cond-to-Other (Conds +
Shield)
Nom. Characteristic
Impedence
Nom. Velocity of
Prop.
Max. Current
Pair(s)
10.5 Ohm/1000ft (34.4
Ohm/km)
30 pF/ft (98 pF/m)
55 pF/ft (180 pF/m)
50 Ohm
66%
2 Amps per Conductor at
25ºC
Voltage
UL Voltage Rating
300 V (CM), 30 V (UL AWM 2919)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C (UL AWM 2919) -20°C to +80°C
Bend Radius


Similar Part No. - 9879

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
98704 HONEYWELL-ACC-98704 Datasheet
347Kb / 6P
Other AC and DC Meters Available
98705 HONEYWELL-ACC-98705 Datasheet
347Kb / 6P
Other AC and DC Meters Available
98706 HONEYWELL-ACC-98706 Datasheet
347Kb / 6P
Other AC and DC Meters Available
98707 HONEYWELL-ACC-98707 Datasheet
347Kb / 6P
Other AC and DC Meters Available
logo
Belden Inc.
9873 BELDEN-9873 Datasheet
159Kb / 2P
Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
More results

Similar Description - 9879

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9773 BELDEN-9773 Datasheet
239Kb / 2P
Audio, Control & Instrument, #18-3pr, PO, Indiv. Foil, PVC Jkt, CM
8776 BELDEN-8776 Datasheet
146Kb / 2P
Audio, Control & Instrument, #22-15pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
9777 BELDEN-9777 Datasheet
169Kb / 2P
Audio, Control & Instrument, #18-15pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9876 BELDEN-9876 Datasheet
169Kb / 2P
Audio, Control & Instrument, #20-11pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9877 BELDEN-9877 Datasheet
191Kb / 2P
Audio, Control & Instrument, #20-12pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9992 BELDEN-9992 Datasheet
161Kb / 2P
Audio, Control & Instrument, #24-9pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9993 BELDEN-9993 Datasheet
169Kb / 2P
Audio, Control & Instrument, #24-12pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9873 BELDEN-9873 Datasheet
159Kb / 2P
Audio, Control & Instrument, #20-3pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
9875 BELDEN-9875 Datasheet
211Kb / 2P
Audio, Control & Instrument, #20-9pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9874 BELDEN-9874 Datasheet
205Kb / 2P
Audio, Control & Instrument, #20-6pr, PO, Indiv. Foil, PVC Jkt, CM
04-27-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com