Electronic Components Datasheet Search
  English  ▼

X  

BF472 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BF472
Description  PNP high-voltage transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BF472 Datasheet(HTML) 3 Page - NXP Semiconductors

  BF472 Datasheet HTML 1Page - NXP Semiconductors BF472 Datasheet HTML 2Page - NXP Semiconductors BF472 Datasheet HTML 3Page - NXP Semiconductors BF472 Datasheet HTML 4Page - NXP Semiconductors BF472 Datasheet HTML 5Page - NXP Semiconductors BF472 Datasheet HTML 6Page - NXP Semiconductors BF472 Datasheet HTML 7Page - NXP Semiconductors BF472 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Dec 09
3
Philips Semiconductors
Product specification
PNP high-voltage transistors
BF470; BF472
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on a printed-circuit board, maximum lead length 4 mm; mounting pad for collector lead
minimum 10
× 10 mm.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
BF470
−−250
V
BF472
−−300
V
VCEO
collector-emitter voltage
open base
BF470
−−250
V
BF472
−−300
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
−−50
mA
ICM
peak collector current
−−100
mA
IBM
peak base current
−−50
mA
Ptot
total power dissipation
Tmb ≤ 114 °C
−
1.8
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
in free air; note 1
100
K/W
Rth j-mb
thermal resistance from junction to mounting base
20
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −200 V
−−10
nA
IE = 0; VCB = −200 V; Tj = 150 °C
−−10
µA
IEBO
emitter cut-off current
IC = 0; VEB = −5V
−−50
nA
hFE
DC current gain
IC = −25 mA; VCE = −20 V
50
−
VCEsat
collector-emitter saturation voltage
IC = −30 mA; IB = −5mA
−−600
mV
Cre
feedback capacitance
IC =ic = 0; VCE = −30 V; f = 1 MHz
−
1.8
pF
fT
transition frequency
IC = −10 mA; VCE = −10 V; f = 100 MHz 60
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com